Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH3390Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH3390Q
Description  HIGH VOLTGAE ULTRA LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3390Q Datasheet(HTML) 3 Page - Diodes Incorporated

  AH3390Q Datasheet HTML 1Page - Diodes Incorporated AH3390Q Datasheet HTML 2Page - Diodes Incorporated AH3390Q Datasheet HTML 3Page - Diodes Incorporated AH3390Q Datasheet HTML 4Page - Diodes Incorporated AH3390Q Datasheet HTML 5Page - Diodes Incorporated AH3390Q Datasheet HTML 6Page - Diodes Incorporated AH3390Q Datasheet HTML 7Page - Diodes Incorporated AH3390Q Datasheet HTML 8Page - Diodes Incorporated AH3390Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AH3390Q
Document number: DS39182 Rev. 1 - 2
3 of 15
www.diodes.com
November 2016
© Diodes Incorporated
AH3390Q
Absolute Maximum Ratings (Note 5 & 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristic
Value
Unit
VDD
Supply Voltage (Note 6)
32
V
VDDR
Reverse Supply Voltage (Note 6)
-32
V
VOUT_MAX
Output Off Voltage (Note 6)
32
V
IOUT
Continuous Output Current
60
mA
IOUT_R
Reverse Output Current
-50
mA
B
Magnetic Flux Density
Unlimited
PD
Package Power Dissipation
SIP-3 (Ammo Pack),
SIP-3 (Bulk Pack)
550
mW
SC59 and SOT23
230
Ts
Storage Temperature Range
-65 to +165
C
TJ
Maximum Junction Temperature
+150
C
ESD HBM
Electros Static Discharge Withstand - Human Body Model (HMB)
8
kV
ESD MM
Electros Static Discharge Withstand - Machine Model (MM)
800
V
ESD CDM
Electros Static Discharge Withstand - Charged Device Model (CDM)
2
kV
Notes:
5. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
6. The absolute maximum VDD of 32V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to operate
the device at the absolute maximum rated conditions for any period of time.
Recommended Operating Conditions (@TA = -40°C to +150°C, unless otherwise specified.)
Symbol
Parameter
Condition
Rating
Unit
VDD
Supply Voltage
Operating
3.0 to 28
V
TA
Operating Temperature Range
Operating
-40 to +150
C
Electrical Characteristics (Note 7 & 8) (@TA = -40°C to +150°C, VDD = 3V to 28V, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VOUT_ON
Output ON Voltage
IOUT = 20mA, B > Bop
-
0.2
0.4
V
ILKG
Output Leakage Current
(When output is off)
VOUT = 28V, B < Brp, Output off
-
<0.1
10
µA
IDD
Supply Current
Output open, TA = +25C
-
3
3.5
mA
Output open, TA = -40C to +150C
-
-
4
mA
IDD_R
Reverse Supply Current
VDD = -18V, TA = +25C
-
0.6
-
µA
VDD = -18V, TA = -40C to +150C
-
0.6
1500
µA
VDD = -28V, TA = +25C
-
1.6
-
µA
VDD = -28V, TA = -40C to +150C
-
1.6
2500
µA
tP_ON
Device Power-On Time (Start-up time)
VDD >= 3V, B > Bop (Note 7)
-
10
-
µs
fC
Chopping Frequency
-
-
800
-
kHz
tD
Response Time Delay
(Time from magnetic threshold
reached to the start of the output rise
or fall)
(Note 9)
-
3.75
-
µs
tR
Output Rising Time
(External pull-up resistor RL and load
capacitance dependent)
RL = 1kΩ, CL = 20pF
-
0.2
1
µs
tF
Output Falling Time
(Internal switch resistance and load
capacitance dependent)
RL = 1kΩ, CL = 20pF
-
0.1
1
µs
IOCL
Output Current Limit
B > Bop, (Note 10 )
30
-
55
mA
VZ
Zener Clamp Voltage
IDD = 5mA
28
-
-
V
Notes:
7. When power is initially turned on, VDD must be within its correct operating range (3.0V to 28V) to guarantee the output sampling. The output state is valid
after the start-up time of 10µs typical from the operating voltage reaching 3V.
8. Typical values are defined at TA = +25C, VDD = 12V. Maximum and minimum values over the operating temperature range is not tested in production but
guaranteed by design, process control and characterization.
9. Guaranteed by design, process control and characterization. Not tested in production.
10. The device will limit the output current IOUT to current limit of IOCL.


Similar Part No. - AH3390Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3391Q DIODES-AH3391Q Datasheet
840Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3391Q-P-A DIODES-AH3391Q-P-A Datasheet
840Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3391Q-P-B DIODES-AH3391Q-P-B Datasheet
840Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3391Q-SA-7 DIODES-AH3391Q-SA-7 Datasheet
840Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
More results

Similar Description - AH3390Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3367Q DIODES-AH3367Q Datasheet
884Kb / 15P
   HIGH VOLTGAE ULTRA LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3391Q DIODES-AH3391Q Datasheet
840Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3368Q DIODES-AH3368Q Datasheet
846Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3369Q DIODES-AH3369Q Datasheet
843Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3365Q DIODES-AH3365Q Datasheet
840Kb / 14P
   HIGH VOLTGAE MEDIUM SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3366Q DIODES-AH3366Q Datasheet
890Kb / 15P
   HIGH VOLTGAE MEDIUM SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3767Q DIODES-AH3767Q Datasheet
531Kb / 13P
   HIGH-VOLTGAE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
AH3777 DIODES-AH3777 Datasheet
473Kb / 13P
   HIGH-VOLTGAE LOW-SENSITIVITY HALL EFFECT LATCH
AH3362Q DIODES-AH3362Q Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
logo
Taiwan Semiconductor Co...
TSH282 TSC-TSH282 Datasheet
333Kb / 8P
   Sensitivity Unipolar Hall Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com