Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH3369Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH3369Q
Description  HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3369Q Datasheet(HTML) 4 Page - Diodes Incorporated

  AH3369Q Datasheet HTML 1Page - Diodes Incorporated AH3369Q Datasheet HTML 2Page - Diodes Incorporated AH3369Q Datasheet HTML 3Page - Diodes Incorporated AH3369Q Datasheet HTML 4Page - Diodes Incorporated AH3369Q Datasheet HTML 5Page - Diodes Incorporated AH3369Q Datasheet HTML 6Page - Diodes Incorporated AH3369Q Datasheet HTML 7Page - Diodes Incorporated AH3369Q Datasheet HTML 8Page - Diodes Incorporated AH3369Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AH3369Q
Document number: DS39181 Rev. 1 - 2
4 of 14
www.diodes.com
November 2016
© Diodes Incorporated
AH3369Q
Magnetic Characteristics (Note 11 &12) (TA = -40°C to +150°C, VDD = 3.0V to 28V, unless otherwise specified.)
(1mT=10 Gauss)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
BOPS (South pole to the part marking
side of SOT23 and SIP-3 (Ammo Pack),
SIP-3 (Bulk Pack) packages)
Operation Point
VDD = 12V, TA = +25C
-
175
-
Gauss
TA = -40C to +150C
150
175
200
BRPS (South pole to the part marking
side of SOT23 and SIP-3 (Ammo Pack),
SIP-3 (Bulk Pack) packages)
Release Point
VDD = 12V, TA = +25C
-
150
-
TA = -40C to +150C
125
150
180
BHY (|BOPX|-|BRPX|)
Hysteresis (Note 13)
VDD = 12V, TA = +25C
-
25
-
TA = -40C to +150C
18
25
35
Notes:
11. When power is initially turned on, VDD must be within its correct operating range (3.0V to 28V) to guarantee the output sampling. The output state is valid
after the start-up time of 10µs typical from the operating voltage reaching 3V.
12. Typical values are defined at TA = +25C, VDD = 12V. Maximum and minimum values over the operating temperature range is not tested in production
but guaranteed by design, process control and characterization.
13. Maximum and minimum hysteresis is guaranteed by design, process control and characterization.
Bhy
VDD
Brps
Bops
0
Turn off
Turn on
(off-state)
(on-state)
VOUT_ON = VSAT
( Magnetic Flux Density B )
Output
Part mark
N
S
(SOT23)
Part mark
S
SIP-3 (Ammo Pack)
SIP-3 (Bulk Pack)
N


Similar Part No. - AH3369Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3360 DIODES-AH3360 Datasheet
393Kb / 11P
   HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
AH3360-FA-7 DIODES-AH3360-FA-7 Datasheet
393Kb / 11P
   HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
AH3360-FT4-7 DIODES-AH3360-FT4-7 Datasheet
393Kb / 11P
   HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
AH3360-Z-7 DIODES-AH3360-Z-7 Datasheet
393Kb / 11P
   HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
AH3362Q DIODES-AH3362Q Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
More results

Similar Description - AH3369Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3391Q DIODES-AH3391Q Datasheet
840Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3368Q DIODES-AH3368Q Datasheet
846Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3390Q DIODES-AH3390Q Datasheet
864Kb / 15P
   HIGH VOLTGAE ULTRA LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3367Q DIODES-AH3367Q Datasheet
884Kb / 15P
   HIGH VOLTGAE ULTRA LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3365Q DIODES-AH3365Q Datasheet
840Kb / 14P
   HIGH VOLTGAE MEDIUM SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3366Q DIODES-AH3366Q Datasheet
890Kb / 15P
   HIGH VOLTGAE MEDIUM SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3767Q DIODES-AH3767Q Datasheet
531Kb / 13P
   HIGH-VOLTGAE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
AH3777 DIODES-AH3777 Datasheet
473Kb / 13P
   HIGH-VOLTGAE LOW-SENSITIVITY HALL EFFECT LATCH
AH3362Q DIODES-AH3362Q Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
logo
Taiwan Semiconductor Co...
TSH282 TSC-TSH282 Datasheet
333Kb / 8P
   Sensitivity Unipolar Hall Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com