Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH3365Q-P-A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH3365Q-P-A
Description  HIGH VOLTGAE MEDIUM SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3365Q-P-A Datasheet(HTML) 1 Page - Diodes Incorporated

  AH3365Q-P-A Datasheet HTML 1Page - Diodes Incorporated AH3365Q-P-A Datasheet HTML 2Page - Diodes Incorporated AH3365Q-P-A Datasheet HTML 3Page - Diodes Incorporated AH3365Q-P-A Datasheet HTML 4Page - Diodes Incorporated AH3365Q-P-A Datasheet HTML 5Page - Diodes Incorporated AH3365Q-P-A Datasheet HTML 6Page - Diodes Incorporated AH3365Q-P-A Datasheet HTML 7Page - Diodes Incorporated AH3365Q-P-A Datasheet HTML 8Page - Diodes Incorporated AH3365Q-P-A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AH3365Q
Document number: DS39177 Rev. 1 - 2
1 of 14
www.diodes.com
November 2016
© Diodes Incorporated
AH3365Q
Q
HIGH VOLTGAE MEDIUM SENSITIVITY
AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
Description
The AH3365Q is an AECQ100 qualified high voltage medium
sensitivity Hall Effect Unipolar switch IC designed for position and
proximity sensing in automotive applications such as in seat and
seatbelt buckle, steering lock/immobilisation, gear stick, transmission
actuator and gear position, HVAC compression, wiper, door/trunk
closure, etc. To support wide range of demanding applications, the
design has been optimized to operate over the supply range of 3.0V
to 28V. With chopper stabilized architecture and an internal bandgap
regulator to provide temperature compensated supply for internal
circuits, the AH3365Q provides a reliable solution over the whole
operating range. For robustness and protection, the device has a
reverse blocking diode with a Zener clamp on the supply. The output
has an over current limit and a Zener clamp.
.
The single open drain output can be switched on with South pole of
sufficient strength. When the magnetic flux density (B) perpendicular
to the package is larger than the operate point (BOP) the output is
switched on (pulled low) and is held on until magnetic flux density B
is lower than the release point (BRP). The output remains switched off
for North pole fields to or no magnetic fields.
.
Features
Unipolar Operation
Medium Sensitivity: BOP and BRP of 100G and 80G Typical
Single Open Drain Output with Over Current Limit
3.0V to 28V Operating Voltage Range
Chopper Stabilized Design Provides
o
Superior Temperature Stability
o
Minimal Switch Point Drift
o
Enhanced Immunity to Stress
Good RF Noise Immunity
Reverse Blocking Diode
Zener Clamp on Supply and Output Pins
-40
C to +150C Operating Temperature
ESD: HBM > 8kV, CDM: >2kV
AECQ100 Grade 0 Qualified
Industry Standard SOT23 and SIP-3 (Ammo Pack), SIP-3 (Bulk
Pack) Packages
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1 VDD
GND 2
3 OUTPUT
SOT23
(Top View)
1. VDD
2. GND
3. OUTPUT
SIP-3 (Bulk Pack)
Applications
Position and Proximity Sensing in Automotive Applications
Seat Position
Seatbelt Buckle
Steering Lock/Immobilisation
Gear Stick
HVAC Compression
Transmission Actuator
Transmission Gear Position
Wipers
Sunroof and Windows
Door/Trunk Closure
Door Locks
Contact-Less Switches
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.


Similar Part No. - AH3365Q-P-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3360 DIODES-AH3360 Datasheet
393Kb / 11P
   HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
AH3360-FA-7 DIODES-AH3360-FA-7 Datasheet
393Kb / 11P
   HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
AH3360-FT4-7 DIODES-AH3360-FT4-7 Datasheet
393Kb / 11P
   HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
AH3360-Z-7 DIODES-AH3360-Z-7 Datasheet
393Kb / 11P
   HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
AH3362Q DIODES-AH3362Q Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
More results

Similar Description - AH3365Q-P-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3366Q DIODES-AH3366Q Datasheet
890Kb / 15P
   HIGH VOLTGAE MEDIUM SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3391Q DIODES-AH3391Q Datasheet
840Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3368Q DIODES-AH3368Q Datasheet
846Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3369Q DIODES-AH3369Q Datasheet
843Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3390Q DIODES-AH3390Q Datasheet
864Kb / 15P
   HIGH VOLTGAE ULTRA LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3367Q DIODES-AH3367Q Datasheet
884Kb / 15P
   HIGH VOLTGAE ULTRA LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
logo
Melexis Microelectronic...
US5781 MELEXIS-US5781 Datasheet
431Kb / 11P
   Unipolar Hall Switch - Medium Sensitivity
logo
Diodes Incorporated
AH3362Q DIODES-AH3362Q Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
logo
Melexis Microelectronic...
US5782 MELEXIS-US5782 Datasheet
364Kb / 10P
   Unipolar Hall Switch - Medium Sensitivity
logo
Diodes Incorporated
AH3767Q DIODES-AH3767Q Datasheet
531Kb / 13P
   HIGH-VOLTGAE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com