Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT8012LPS-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMT8012LPS-13
Description  80V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT8012LPS-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMT8012LPS-13 Datasheet HTML 1Page - Diodes Incorporated DMT8012LPS-13 Datasheet HTML 2Page - Diodes Incorporated DMT8012LPS-13 Datasheet HTML 3Page - Diodes Incorporated DMT8012LPS-13 Datasheet HTML 4Page - Diodes Incorporated DMT8012LPS-13 Datasheet HTML 5Page - Diodes Incorporated DMT8012LPS-13 Datasheet HTML 6Page - Diodes Incorporated DMT8012LPS-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMT8012LPS
Document number: DS37738 Rev. 4 - 2
3 of 7
www.diodes.com
July 2017
© Diodes Incorporated
DMT8012LPS
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS=3.5V
V
GS=4.0V
V
GS=10.0V
V
GS=6.0V
V
GS=5.0V
V
GS=4.5V
0
5
10
15
20
25
30
1
2
3
4
5
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS= 5.0V
-55
25
85
125
150
0.005
0.01
0.015
0.02
0.025
0.03
0
5
10
15
20
25
30
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs Drain Current and
Temperature
V
GS=10V
-55
25
85
125
150
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS=10V, ID=20A
V
GS=4.5V, ID=20A
0.01
0.015
0.02
0.025
0.03
2
4
6
8
10
12
14
16
18
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D=12A
I
D=6A
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0
5
10
15
20
25
30
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS = 10.0V
V
GS = 4.5V


Similar Part No. - DMT8012LPS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8012LPS-13 DIODES-DMT8012LPS-13 Datasheet
569Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT8012LPS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8012LK3 DIODES-DMT8012LK3 Datasheet
605Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT8012LSS DIODES-DMT8012LSS Datasheet
538Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT8008LFG DIODES-DMT8008LFG Datasheet
415Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
logo
Pan Jit International I...
PSMP055N08NS1 PANJIT-PSMP055N08NS1 Datasheet
575Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP055N08NS1-REV.00
logo
Diodes Incorporated
DMT8008SPS DIODES-DMT8008SPS Datasheet
382Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 3 - 2
DMT8012LK3 DIODES-DMT8012LK3_17 Datasheet
508Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJU60N08 PANJIT-PJU60N08 Datasheet
333Kb / 8P
   80V N-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
PSMB032N08NS1 PANJIT-PSMB032N08NS1 Datasheet
672Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMB032N08NS1-REV.00
PSMP032N08NS1 PANJIT-PSMP032N08NS1 Datasheet
579Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP032N08NS1-REV.00
logo
Diodes Incorporated
DMT8012LPS DIODES-DMT8012LPS Datasheet
569Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com