Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT8012LK3-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMT8012LK3-13
Description  80V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT8012LK3-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMT8012LK3-13 Datasheet HTML 1Page - Diodes Incorporated DMT8012LK3-13 Datasheet HTML 2Page - Diodes Incorporated DMT8012LK3-13 Datasheet HTML 3Page - Diodes Incorporated DMT8012LK3-13 Datasheet HTML 4Page - Diodes Incorporated DMT8012LK3-13 Datasheet HTML 5Page - Diodes Incorporated DMT8012LK3-13 Datasheet HTML 6Page - Diodes Incorporated DMT8012LK3-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMT8012LK3
Document number: DS37918 Rev. 3 - 2
6 of 7
www.diodes.com
February 2017
© Diodes Incorporated
DMT8012LK3
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TO252 (DPAK)
Dim
Min
Max
Typ
A
2.19
2.39
2.29
A1
0.00
0.13
0.08
A2
0.97
1.17
1.07
b
0.64
0.88
0.783
b2
0.76
1.14
0.95
b3
5.21
5.46
5.33
c
0.45
0.58
0.531
D
6.00
6.20
6.10
D1
5.21
-
-
e
-
-
2.286
E
6.45
6.70
6.58
E1
4.32
-
-
H
9.40
10.41
9.91
L
1.40
1.78
1.59
L3
0.88
1.27
1.08
L4
0.64
1.02
0.83
a
10°
-
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
Dimensions
Value (in mm)
C
4.572
X
1.060
X1
5.632
Y
2.600
Y1
5.700
Y2
10.700
b3
E
L3
D
L4
b2(2x)
b(3x)
e
c
A
7°±1°
H
Seating Plane
A1
Gauge Plane
0.508
L
2.74REF
D1
A2
E1
X1
X
Y2
Y1
Y
C


Similar Part No. - DMT8012LK3-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8012LK3-13 DIODES-DMT8012LK3-13 Datasheet
605Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT8012LK3-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8012LK3 DIODES-DMT8012LK3 Datasheet
605Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT8012LSS DIODES-DMT8012LSS Datasheet
538Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT8008LFG DIODES-DMT8008LFG Datasheet
415Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
logo
Pan Jit International I...
PSMP055N08NS1 PANJIT-PSMP055N08NS1 Datasheet
575Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP055N08NS1-REV.00
logo
Diodes Incorporated
DMT8008SPS DIODES-DMT8008SPS Datasheet
382Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 3 - 2
logo
Pan Jit International I...
PJU60N08 PANJIT-PJU60N08 Datasheet
333Kb / 8P
   80V N-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
logo
Diodes Incorporated
DMT8012LPS DIODES-DMT8012LPS_17 Datasheet
554Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PSMB032N08NS1 PANJIT-PSMB032N08NS1 Datasheet
672Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMB032N08NS1-REV.00
PSMP032N08NS1 PANJIT-PSMP032N08NS1 Datasheet
579Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP032N08NS1-REV.00
logo
Diodes Incorporated
DMT8012LPS DIODES-DMT8012LPS Datasheet
569Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com