Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145404DW Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # MC145404DW
Description  Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145404DW Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  MC145404DW Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145404DW Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145404DW Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145404DW Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145404DW Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145404DW Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145404DW Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145404DW Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.lansdale.com
Page 1 of 8
Issue A
ML145403
ML145404
ML145405
ML145408
Drivers/Receivers
RS 232/EIA–232–E and CCITT V.28
Legacy Device: Motorola MC145403, MC145404, MC145405, MC145408
These devices are silicon gate CMOS ICs that combine both the
transmitter and receiver to fulfill the electrical specifications of EIA
Standard 232–E and CCITT V.28. The drivers feature true TTL input
compatibility, slew rate limiting outputs, 300 Ω power–off source
impedance, and output typically switching to within 25% of the sup-
ply rails. The receivers can handle up to ± 25 V while presenting 3 to
7 kΩ impedance. Hysteresis in the receivers aid in the reception of
noisy signals. By combining both drivers and receivers in a single
CMOS chip, these devices provide efficient, low–power solutions for
both EIA–232–E and V.28 applications.
These devices offer the following performance features:
• Operating Temperature Range TA = –40° to +85°C
Drivers
• ± 5 to ± 12 V Supply Range
• 300 Ω Power–Off Source Impedance
• Output Current Limiting
• TTL and CMOS Compatible Inputs
• Driver Slew Rate Range Limited to 30 V/µs Maximum
Receivers
• ± 25 V Input Range
• 3 to 7 kΩ Input Impedance
• 0.8 V of Hysteresis for Enhanced Noise Immunity
• TTL and CMOS Compatible Outputs
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
Available Driver/Receiver Combinations
Device
Drivers
Receivers
Figure
No. of Pins
ML145403
3
5
1
20
ML145404
4
4
2
20
ML145405
5
3
3
20
ML145408
5
5
4
24
Alternative EIA–232 devices to consider are:
Three Supply
Single Supply
ML145406 (3 x 3)
ML145407 (3 x 3)


Similar Part No. - MC145404DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145404DW MOTOROLA-MC145404DW Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
More results

Similar Description - MC145404DW

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
logo
Texas Instruments
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com