Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML33111 Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # ML33111
Description  Low Voltage Compander Silicon Monolithic Integrated Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML33111 Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML33111_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.lansdale.com
Page 4 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML33111
ELECTRICAL CHARACTERISTICS (VCC = 3.6 V, f = 1.0 kHz, TA = + 25°C, unless noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
EXPANDER (Pin 12 = Low, unless noted)
Power Supply Rejection @ 1.0 kHz
PSRR
dB
Vin (Pin 14) = 0
74
Vin (Pin 14) = 10 mVrms
76
Vin (Pin 14) = 316 mVrms
62
Attack Time (Capacitor @ Pin 11 = 1.0
µF, per EIA-553)
Decay Time (Capacitor @ Pin 11 = 1.0
µF, per EIA-553)
tAT(E)
tD(E)
3.0
14
ms
Input Impedance at Pin 14
Rin
8.0
10.9
14
k
DC Bias Level (Pin 15)
Output DC Shift (Vin changed from 0 to 100 mVrms)
VbIAS
1.4
– 20
Vb
1.0
1.6
20
Vdc
mVdc
LOGIC INPUTS (Pins 4, 8, 12)
Switching Threshold (3.0 < VCC < 7.0 V)
VST
1.3
Vdc
Input Current
Rin
µA
@ Vin = 0 V
0
@ Vin = 3.6 V
55
Timing (Vin @ Pins 3 and 14 = 300 mVrms, See Figures 1, 2)
µs
Comp. Mute (Pin 4) to Comp. Output
Low-to-High
tCMLH
2.0
High-to-Low
tCMHL
3.0
Exp. Mute (Pin 12) to Exp. Output
Low-to-High
tEMLH
2.0
High-to-Low
tEMHL
3.0
Passthrough (Pin 8) to Comp. Output
Low-to-High
tPCLH
2.0
High-to-Low
tPCHL
5.0
Passthrough (Pin 8) to Exp. Output
Low-to-High
tPELH
6.0
High-to-Low
tPEHL
7.0
OP AMPS (Pins 6, 7, 9, 10)
Open Loop Gain
AVOL
100
dB
Gain Bandwidth
BW
300
kHz
Input Bias Current @ Pins 7, 9
IIB
8.0
nA
Max Output Swing @ Pins 6, 10 (3.0 V < VCC < 7.0 V)
Vout
2.8
Vp-p
Peak Output Current
IPK
mA
VCC = 3.0 V, Vout ≤ 2.4 Vp-p
± 3.0
VCC = 3.0 V, Vout = 2.6 Vp-p
± 2.0
VCC ≥ 3.6 V, Vout ≤ 2.8 Vp-p
± 3.7
Total Harmonic Distortion (Vout = 1.0 Vrms, Unity Gain)
THD
0.02
0.2
%
MISCELLANEOUS
Power Supply Current
ICC
mA
@ VCC = 3.6 V
1.5
2.0
@ VCC = 7.0 V
1.7
Reference Voltage
Vb
1.5
Vdc
Channel Separation
CS
dB
Expander to Compressor
(Pin 14 = 316 mVrms @ 1.0 kHz and Pin 3 = 0 mVrms)
40
70
(Pin 14 = 100 mVrms (300 Hz < f < 20 kHz),
Pin 3 = 100 mVrms @ 1.2 kHz)
96
Compressor to Expander
(Pin 3 = 1.0 Vrms @ 1.0 kHz and Pin 14 = 0 mVrms)
60
100
(Pin 3 = 100 mVrms (300 Hz < f < 20 kHz),
Pin 14 = 100 mVrms @ 1.2 kHz)
97


Similar Part No. - ML33111_08

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML33111-5P LANSDALE-ML33111-5P Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
ML33111EP LANSDALE-ML33111EP Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
More results

Similar Description - ML33111_08

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111 Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com