Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL1101 Datasheet(PDF) 3 Page - Texas Instruments

Part # TWL1101
Description  VOICE-BAND AUDIO PROCESSOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL1101 Datasheet(HTML) 3 Page - Texas Instruments

  TWL1101 Datasheet HTML 1Page - Texas Instruments TWL1101 Datasheet HTML 2Page - Texas Instruments TWL1101 Datasheet HTML 3Page - Texas Instruments TWL1101 Datasheet HTML 4Page - Texas Instruments TWL1101 Datasheet HTML 5Page - Texas Instruments TWL1101 Datasheet HTML 6Page - Texas Instruments TWL1101 Datasheet HTML 7Page - Texas Instruments TWL1101 Datasheet HTML 8Page - Texas Instruments TWL1101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TWL1101
VOICE-BAND AUDIO PROCESSOR (VBAP
™)
SLWS074A – MAY 1998 REVISED MARCH 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Microphone Amplifier
Gain = –2.62 dB to 5.38 db
1 Step
Microphone
Amplifier 2
Externally Set Gain
Power/Reset
Analog
Modulator
Gain = 0.62 dB
TX Filter and PGA
Gain = –6dB to 0 dB
2 dB Steps
PCM
Interface
Sidetone
Gain = –24 dB to –12 dB
2 dB Steps or Mute
RX Volume Control
Gain = –18 dB to 0 dB
2 dB Steps
RX Filter and PGA
Gain = –6 dB to 6 dB
1 dB Steps
Digital
Modulator
and Filter
S1
S2
EAR
Amplifier 2
EAR
Amplifier 1
Low Noise
Filter
REF
Serial Interface
I2C
PLL
PCMO
PCMSYN
PCMI
PCMCLK


Similar Part No. - TWL1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1101 TI-TWL1101 Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFB TI-TWL1101PFB Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
More results

Similar Description - TWL1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1103T-Q1 TI-TWL1103T-Q1 Datasheet
411Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP)
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1109 TI-TWL1109 Datasheet
369Kb / 27P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1106 TI1-TWL1106 Datasheet
266Kb / 19P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP??
TWL1103 TI1-TWL1103_01 Datasheet
415Kb / 30P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
TWL1107 TI1-TWL1107 Datasheet
265Kb / 19P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com