Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW88335L2CUBG Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYW88335L2CUBG
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/Radiowith Integrated Bluetooth 4.1 for Automotive Applications
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW88335L2CUBG Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYW88335L2CUBG Datasheet HTML 5Page - Cypress Semiconductor CYW88335L2CUBG Datasheet HTML 6Page - Cypress Semiconductor CYW88335L2CUBG Datasheet HTML 7Page - Cypress Semiconductor CYW88335L2CUBG Datasheet HTML 8Page - Cypress Semiconductor CYW88335L2CUBG Datasheet HTML 9Page - Cypress Semiconductor CYW88335L2CUBG Datasheet HTML 10Page - Cypress Semiconductor CYW88335L2CUBG Datasheet HTML 11Page - Cypress Semiconductor CYW88335L2CUBG Datasheet HTML 12Page - Cypress Semiconductor CYW88335L2CUBG Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
Document Number: 002-15057 Rev. *B
Page 9 of 110
CYW88335
Figure 3 shows the regulators and a typical power topology.
Figure 3. Typical Power Topology for the CYW88335
Internal LNLDO
80 mA
WL RF –AFE
Shaded areas are internal to the CYW88335
WL RF –TX (2.4 GHz, 5 GHz)
WL RF –LOGEN (2.4 GHz, 5 GHz)
WL RF – RX/LNA (2.4 GHz, 5 GHz)
WL RF –XTAL
WL RF –RFPLL PFD/MMD
BT RF
BT CLASS 1 PA
WL PA/PAD (2.4 GHz, 5 GHz)
VDDIO_RF
WL OTP 3.3V
WL RF –VCO
WL RF –CP
Internal LNLDO
80 mA
Internal VCOLDO
80 mA
Internal LNLDO
80 mA
XTAL LDO
30 mA
1.2V
1.2V
1.2V
1.2V
1.2V
LNLDO
100 mA
DFE/DFLL
PLL/RXTX
WLAN BBPLL/DFLL
WLAN/BT/CLB/Top, always on
WL OTP
WL PHY
WL DIGITAL
BT DIGITAL
WL/BT SRAMs
CLDO
Peak 300 mA
Average 175 mA
(Bypass in deep 
sleep)
1.2V– 1.1V
MEMLPLDO
3 mA
VDDIO
BTLDO2P5
Peak 70 mA
Average 15 mA
2.5V
Internal LNLDO
25 mA
Internal LNLDO
8 mA
LDO3P3
Peak 800–450 mA
Average 200 mA
3.3V
1.2V
1.35V
WL_REG_ON
BT_REG_ON
LPLDO1
3 mA
Core Buck 
Regulator
CBUCK
Peak 600 mA
Average 275 mA
1.1V
VDDIO
VBAT
0.9V


Similar Part No. - CYW88335L2CUBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW89035 CYPRESS-CYW89035 Datasheet
3Mb / 45P
   Complies with Bluetooth Core Specification version 4.2 including Basic Rate (BR) BR/BLE
CYW89071 CYPRESS-CYW89071 Datasheet
935Kb / 51P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW89071A1CUBXG CYPRESS-CYW89071A1CUBXG Datasheet
935Kb / 51P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
More results

Similar Description - CYW88335L2CUBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM88335 CYPRESS-BCM88335 Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
BCM88335L2CUBGT CYPRESS-BCM88335L2CUBGT Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354 CYPRESS-BCM4354 Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
BCM43353 CYPRESS-BCM43353 Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com