Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW89071 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYW89071
Description  Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW89071 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYW89071 Datasheet HTML 3Page - Cypress Semiconductor CYW89071 Datasheet HTML 4Page - Cypress Semiconductor CYW89071 Datasheet HTML 5Page - Cypress Semiconductor CYW89071 Datasheet HTML 6Page - Cypress Semiconductor CYW89071 Datasheet HTML 7Page - Cypress Semiconductor CYW89071 Datasheet HTML 8Page - Cypress Semiconductor CYW89071 Datasheet HTML 9Page - Cypress Semiconductor CYW89071 Datasheet HTML 10Page - Cypress Semiconductor CYW89071 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Document Number: 002-14857 Rev. *H
Page 7 of 51
CYW89071
1.3 Automotive Usage Model
The CYW89071 is designed to provide a direct interface to automotive systems, as shown in Figure 3. The device has flexible PCM
and UART interfaces, enabling it to transparently connect to existing circuits.
The device incorporates a number of unique features to accommodate integration into automotive systems.
The PCM interface provides multiple modes of operation to support both master and slave, as well as hybrid interfacing to one or
more external codec devices.
The UART interface supports hardware flow control with tight integration to power control sideband signaling to support the lowest
power operation.
Few external components are required for integration.
Figure 3. Automotive Usage Model
Voice
Codec
Host
LPO Clock
CYW89071
PCM
UART
BT_WAKE
HOST_WAKE
LPO_INPUT
1.63V to 5.5V SUPPLY
20 or 26 MHz CRYSTAL
OSCILLATOR *
* The external LPO clock is required if
the main clock is not 20 MHz.


Similar Part No. - CYW89071

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW89035 CYPRESS-CYW89035 Datasheet
3Mb / 45P
   Complies with Bluetooth Core Specification version 4.2 including Basic Rate (BR) BR/BLE
More results

Similar Description - CYW89071

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM89071A1CUBXG CYPRESS-BCM89071A1CUBXG Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXGT CYPRESS-BCM89071A1CUBXGT Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20706 CYPRESS-CYW20706 Datasheet
4Mb / 50P
   Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
   GSM SINGLE-CHIP BASEBAND PROCESSOR
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
   Single-Chip GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com