Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW88335 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYW88335
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/Radiowith Integrated Bluetooth 4.1 for Automotive Applications
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW88335 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYW88335 Datasheet HTML 1Page - Cypress Semiconductor CYW88335 Datasheet HTML 2Page - Cypress Semiconductor CYW88335 Datasheet HTML 3Page - Cypress Semiconductor CYW88335 Datasheet HTML 4Page - Cypress Semiconductor CYW88335 Datasheet HTML 5Page - Cypress Semiconductor CYW88335 Datasheet HTML 6Page - Cypress Semiconductor CYW88335 Datasheet HTML 7Page - Cypress Semiconductor CYW88335 Datasheet HTML 8Page - Cypress Semiconductor CYW88335 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
Document Number: 002-15057 Rev. *B
Page 5 of 110
CYW88335
Figure 2. CYW88335 Block Diagram
Bluetooth
WLAN
UART
I2S
PCM
Registers
DMA
JTAG
Master
GPIO
Timers
WD
Pause
RAM
ROM
ARMCM3
WLAN
Master
Slave
RX/TX
BLE
LCU
APU
BlueRF
PMU
CLB
FEM or
SP3T
FEM or
SPDT
Diplexer
Modem
Bluetooth RF
2.4 GHz/5 GHz 802.11ac
Dual-Band Radio
1 x 1 802.11ac PHY
DOT11MAC (D11)
Chip
Common
OTP
AXI2AHB
AHB2AXI
ARMCR4
TCM
RAM768KB
ROM640KB
SDIOD
AXI2APB
GCI
SECI UART
and GCI-GPIOs
WLAN RAM
Sharing
WLAN
ÅÆ BT Access
GCI Coex I/F
Shared LNA Control
and Other Coex I/Fs
VBAT
WL_REG_ON
BT_REG_ON
BT_HOST_WAKE
BT_DEV_WAKE
UART
PCM
I
2S
Other GPIOs
BT
PA
32 kHz External LPO
XTAL
RF Switch Controls
SDIO 3.0
WL_HOST_WAKE
WL_DEV_WAKE
JTAG
Other GPIOs
2.4 GHz
5 GHz


Similar Part No. - CYW88335

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW89035 CYPRESS-CYW89035 Datasheet
3Mb / 45P
   Complies with Bluetooth Core Specification version 4.2 including Basic Rate (BR) BR/BLE
CYW89071 CYPRESS-CYW89071 Datasheet
935Kb / 51P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW89071A1CUBXG CYPRESS-CYW89071A1CUBXG Datasheet
935Kb / 51P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
More results

Similar Description - CYW88335

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM88335 CYPRESS-BCM88335 Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
BCM88335L2CUBGT CYPRESS-BCM88335L2CUBGT Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354 CYPRESS-BCM4354 Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
BCM43353 CYPRESS-BCM43353 Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com