Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW43570 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CYW43570
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2MAC/Baseband/Radio with IntegratedBluetooth 4.1 and EDR
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43570 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CYW43570 Datasheet HTML 10Page - Cypress Semiconductor CYW43570 Datasheet HTML 11Page - Cypress Semiconductor CYW43570 Datasheet HTML 12Page - Cypress Semiconductor CYW43570 Datasheet HTML 13Page - Cypress Semiconductor CYW43570 Datasheet HTML 14Page - Cypress Semiconductor CYW43570 Datasheet HTML 15Page - Cypress Semiconductor CYW43570 Datasheet HTML 16Page - Cypress Semiconductor CYW43570 Datasheet HTML 17Page - Cypress Semiconductor CYW43570 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
Document Number: 002-15054 Rev. *I
Page 14 of 94
ADVANCE
CYW43570
3.2 External Frequency Reference
Table 4. Crystal Oscillator and External Clock—Requirements and Performance
Parameter
Conditions/Notes
Crystala
a. (Crystal) Use WRF_XTAL_IN and WRF_XTAL_OUT.
External Frequency
Referenceb c
b. See
3.2 External Frequency Reference for alternative connection methods.
c. For a clock reference other than 40 MHz, 20 × log10(f/40) dB should be added to the limits, where f = the reference clock frequency in MHz.
Min
Typ
Max
Min
Typ
Max
Units
Frequency
2.4G and 5G bands: IEEE 802.11ac
operation
–40
––––
MHz
Frequency tolerance over the
lifetime of the equipment, including
temperatured
d. It is the responsibility of the equipment designer to select oscillator components that comply with these specifications.
Without trimming
–20
20
–20
20
ppm
Crystal load capacitance
12
––––
pF
ESR
60
Drive level
External crystal must be able to
tolerate this drive level.
200
––––
μW
Input impedance (WRF_XTAL_IN)
Resistive
30
100
kΩ
Capacitive
7.5
7.5
pF
WRF_XTAL_IN
Input low level
DC-coupled digital signal
–0–0.2
V
WRF_XTAL_IN
Input high level
DC-coupled digital signal
1.0
1.26
V
WRF_XTAL_IN
input voltage
AC-coupled analog signal
400
1200
mVp-p
Duty cycle
40 MHz clock
40
50
60
%
Phase Noisee
(IEEE 802.11b/g)
e.Assumes that the external clock has a flat phase noise response above 100 kHz.
40 MHz clock at 10 kHz offset
––
––––129
dBc/
Hz
40 MHz clock at 100 kHz offset
––
––––136
dBc/
Hz
Phase Noisee
(IEEE 802.11a)
40 MHz clock at 10 kHz offset
––
––––137
dBc/
Hz
40 MHz clock at 100 kHz offset
––
––––144
dBc/
Hz
Phase Noisee
(IEEE 802.11n, 2.4 GHz)
40 MHz clock at 10 kHz offset
––
––––134
dBc/
Hz
40 MHz clock at 100 kHz offset
––
––––141
dBc/
Hz
Phase Noisee
(IEEE 802.11n, 5 GHz)
40 MHz clock at 10 kHz offset
––
––––142
dBc/
Hz
40 MHz clock at 100 kHz offset
––
––––149
dBc/
Hz
Phase Noisee
(IEEE 802.11ac, 5 GHz)
40 MHz clock at 10 kHz offset
––
––––150
dBc/
Hz
40 MHz clock at 100 kHz offset
––
––––157
dBc/
Hz


Similar Part No. - CYW43570

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354XKUBG CYPRESS-CYW4354XKUBG Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354XKWBG CYPRESS-CYW4354XKWBG Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354ZKUBG CYPRESS-CYW4354ZKUBG Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
More results

Similar Description - CYW43570

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43353 CYPRESS-BCM43353 Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com