Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW43570 Datasheet(PDF) 66 Page - Cypress Semiconductor

Part # CYW43570
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2MAC/Baseband/Radio with IntegratedBluetooth 4.1 and EDR
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43570 Datasheet(HTML) 66 Page - Cypress Semiconductor

Back Button CYW43570 Datasheet HTML 62Page - Cypress Semiconductor CYW43570 Datasheet HTML 63Page - Cypress Semiconductor CYW43570 Datasheet HTML 64Page - Cypress Semiconductor CYW43570 Datasheet HTML 65Page - Cypress Semiconductor CYW43570 Datasheet HTML 66Page - Cypress Semiconductor CYW43570 Datasheet HTML 67Page - Cypress Semiconductor CYW43570 Datasheet HTML 68Page - Cypress Semiconductor CYW43570 Datasheet HTML 69Page - Cypress Semiconductor CYW43570 Datasheet HTML 70Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
Document Number: 002-15054 Rev. *I
Page 66 of 94
ADVANCE
CYW43570
Maximum receive level
@ 2.4 GHz
@ 1, 2 Mbps (8% PER, 1024 octets)
–3.5
dBm
@ 5.5, 11 Mbps (8% PER, 1024 octets) –
–9.5
dBm
@ 6–54 Mbps (10% PER, 1024 octets)
–9.5
dBm
@ MCS0–MCS7 rates (10% PER, 4095
octets)
–9.5
dBm
@ MCS8–MCS9 rates (10% PER, 4095
octets)
––11.5
dBm
LPF 3 dB bandwidth
9
36
MHz
Adjacent channel rejection-DSSS
(Difference between interfering and
desired signal at 8% PER for 1024 octet
PSDU with desired signal level as
specified in Condition/Notes)
Desired and interfering signal 30 MHz apart
1 Mbps DSSS
–74 dBm
35
dB
2 Mbps DSSS
–74 dBm
35
dB
Desired and interfering signal 25 MHz apart
5.5 Mbps DSSS
–70 dBm
35
dB
11 Mbps DSSS
–70 dBm
35
dB
Adjacent channel rejection-OFDM
(difference between interfering and
desired signal (25 MHz apart) at 10% PER
for 1024 octet PSDU with desired signal
level as specified in Condition/Notes)
6 Mbps OFDM
–79 dBm
16
dB
9 Mbps OFDM
–78 dBm
15
dB
12 Mbps OFDM
–76 dBm
13
dB
18 Mbps OFDM
–74 dBm
11
dB
24 Mbps OFDM
–71 dBm
8
dB
36 Mbps OFDM
–67 dBm
4
dB
48 Mbps OFDM
–63 dBm
0
dB
54 Mbps OFDM
–62 dBm
–1
dB
Adjacent channel rejection MCS0–9
(Difference between interfering and
desired signal (25 MHz apart) at 10% PER
for 4096 octet PSDU with desired signal
level as specified in Condition/Notes)
MCS0
–79 dBm
16
dB
MCS1
–76 dBm
13
dB
MCS2
–74 dBm
11
dB
MCS3
–71 dBm
8
dB
MCS4
–67 dBm
4
dB
MCS5
–63 dBm
0
dB
MCS6
–62 dBm
–1
dB
MCS7
–61 dBm
–2
dB
MCS8
–59 dBm
–4
dB
MCS9
–57 dBm
–6
dB
Maximum receiver gain
95
dB
Gain control step
3
dB
RSSI accuracyc
Range –90 dBm to –30 dBm
–5
5
dB
Range above –30 dBm
–8
8
dB
Return loss
Zo = 50
, across the dynamic range
10
11.5
13
dB
Receiver cascaded noise figure
At maximum gain
4.5
dB
a. Derate by 1.5 dB over the operating temperature range and for voltages from 3.0V to 3.13V.
b. Sensitivity degradations for alternate settings in MCS modes. MM: 0.5 dB drop, and SGI: 2 dB drop.
c. The minimum and maximum values shown have a 95% confidence level.
Table 29. WLAN 2.4 GHz Receiver Performance Specifications (Cont.)
Parameter
Condition/Notes
Min.
Typ.
Max.
Unit


Similar Part No. - CYW43570

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354XKUBG CYPRESS-CYW4354XKUBG Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354XKWBG CYPRESS-CYW4354XKWBG Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354ZKUBG CYPRESS-CYW4354ZKUBG Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
More results

Similar Description - CYW43570

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43353 CYPRESS-BCM43353 Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com