Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW43570 Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # CYW43570
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2MAC/Baseband/Radio with IntegratedBluetooth 4.1 and EDR
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43570 Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button CYW43570 Datasheet HTML 29Page - Cypress Semiconductor CYW43570 Datasheet HTML 30Page - Cypress Semiconductor CYW43570 Datasheet HTML 31Page - Cypress Semiconductor CYW43570 Datasheet HTML 32Page - Cypress Semiconductor CYW43570 Datasheet HTML 33Page - Cypress Semiconductor CYW43570 Datasheet HTML 34Page - Cypress Semiconductor CYW43570 Datasheet HTML 35Page - Cypress Semiconductor CYW43570 Datasheet HTML 36Page - Cypress Semiconductor CYW43570 Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
Document Number: 002-15054 Rev. *I
Page 33 of 94
ADVANCE
CYW43570
Normally, the UART baud rate is set by a configuration record downloaded after device reset, or by automatic baud rate detection,
and the host does not need to adjust the baud rate. Support for changing the baud rate during normal HCI UART operation is included
through a vendor-specific command that allows the host to adjust the contents of the baud rate registers. The CYW43570 UARTs
operate correctly with the host UART as long as the combined baud rate error of the two devices is within ±2%.
Figure 16. UART Timing
Table 14. Example of Common Baud Rates
Desired Rate
Actual Rate
Error (%)
4000000
4000000
0.00
3692000
3692308
0.01
3000000
3000000
0.00
2000000
2000000
0.00
1500000
1500000
0.00
1444444
1454544
0.70
921600
923077
0.16
460800
461538
0.16
230400
230796
0.17
115200
115385
0.16
57600
57692
0.16
38400
38400
0.00
28800
28846
0.16
19200
19200
0.00
14400
14423
0.16
9600
9600
0.00
Table 15. UART Timing Specifications
Reference
Characteristics
Minimum
Typical
Maximum
Unit
1
Delay time, BT_UART_CTS_L low to BT_UART_TXD valid –
1.5
Bit periods
2
Setup time, BT_UART_CTS_L high before midpoint of stop
bit
0.5
Bit periods
3
Delay time, midpoint of stop bit to BT_UART_RTS_L high
0.5
Bit periods
BT_UART_CTS_L
BT_UART_RXD
1
2
Midpoint of STOP bit
BT_UART_TXD
Midpoint of STOP bit
3
BT_UART_RTS_L


Similar Part No. - CYW43570

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354XKUBG CYPRESS-CYW4354XKUBG Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354XKWBG CYPRESS-CYW4354XKWBG Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354ZKUBG CYPRESS-CYW4354ZKUBG Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
More results

Similar Description - CYW43570

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43353 CYPRESS-BCM43353 Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com