Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW43353 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYW43353
Description  Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43353 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYW43353 Datasheet HTML 1Page - Cypress Semiconductor CYW43353 Datasheet HTML 2Page - Cypress Semiconductor CYW43353 Datasheet HTML 3Page - Cypress Semiconductor CYW43353 Datasheet HTML 4Page - Cypress Semiconductor CYW43353 Datasheet HTML 5Page - Cypress Semiconductor CYW43353 Datasheet HTML 6Page - Cypress Semiconductor CYW43353 Datasheet HTML 7Page - Cypress Semiconductor CYW43353 Datasheet HTML 8Page - Cypress Semiconductor CYW43353 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
PRELIMINARY
CYW43353
Single-Chip 5G MAC/Baseband/Radio with Integrated
Bluetooth 4.1 for Automotive and Industrial Applications
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document No. 002-14949 Rev. *F
Revised May 8, 2017
General Description
The Cypress® CYW43353 single-chip device provides the highest level of integration for Automotive and Industrial connectivity
systems with integrated single-stream IEEE 802.11ac MAC/baseband/radio, Bluetooth 4.1. In IEEE 802.11ac mode, the WLAN
operation supports rates of MCS0–MCS9 (up to 256 QAM) in 20 MHz, 40 MHz, and 80 MHz channels for data rates up to 433.3 Mbps.
In addition, all the rates specified in IEEE 802.11a/b/g/n are supported. Included on-chip are 2.4 GHz and 5 GHz transmit amplifiers,
and receive low-noise amplifiers. Optional external PAs, LNAs, and antenna diversity are also supported.
The CYW43353 offers an SDIO v3.0 interface for high speed 802.11ac connectivity. The Bluetooth host controller is interfaced over
a 4-wire high speed UART and includes PCM for audio.
The CYW43353 brings the latest mobile connectivity technology to automotive infotainment, telematics, rear seat entertainment, and
industrial applications. Offering automotive Grade 3 (-40C to +85C) temperature performance, the CYW43353 is tested to AECQ100
environmental stress guidelines and manufactured in ISO9001 and TS16949 certified facilities.
The CYW43353 implements highly sophisticated enhanced collaborative coexistence hardware mechanisms and algorithms, which
ensure that WLAN and Bluetooth collaboration is optimized for maximum performance. In addition, coexistence support for external
radios (such as LTE cellular, GPS, and WiMAX) is provided via an external interface. As a result, enhanced overall quality for
simultaneous voice, video, and data transmission is achieved.
Cypress Part Numbering Scheme
Cypress is converting the acquired IoT part numbers from Cypress to the Cypress part numbering scheme. Due to this conversion,
there is no change in form, fit, or function as a result of offering the device with Cypress part number marking. The table provides
Cypress ordering part number that matches an existing IoT part number.
Table 1. Mapping Table for Part Number between Broadcom and Cypress
Broadcom Part Number
Cypress Part Number
BCM43353
CYW43353
BCM43353LIUBG
CYW43353LIUBG


Similar Part No. - CYW43353

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4330 CYPRESS-CYW4330 Datasheet
4Mb / 55P
   Bluetooth 4.0 EDR and Low Energy compliant
CYW4330 CYPRESS-CYW4330 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
logo
Infineon Technologies A...
CYW4330 INFINEON-CYW4330 Datasheet
2Mb / 121P
   Single-Chip 5G WiFi IEEE 802.11n/ac MAC/Baseband/ Radio with Integrated Bluetooth 5.0
Revised March 22, 2019
logo
Cypress Semiconductor
CYW43340 CYPRESS-CYW43340 Datasheet
1Mb / 96P
   Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
CYW43340HKUBG CYPRESS-CYW43340HKUBG Datasheet
1Mb / 96P
   Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
More results

Similar Description - CYW43353

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM43353 CYPRESS-BCM43353 Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM88335 CYPRESS-BCM88335 Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
BCM88335L2CUBGT CYPRESS-BCM88335L2CUBGT Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com