Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW43353 Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # CYW43353
Description  Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43353 Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button CYW43353 Datasheet HTML 32Page - Cypress Semiconductor CYW43353 Datasheet HTML 33Page - Cypress Semiconductor CYW43353 Datasheet HTML 34Page - Cypress Semiconductor CYW43353 Datasheet HTML 35Page - Cypress Semiconductor CYW43353 Datasheet HTML 36Page - Cypress Semiconductor CYW43353 Datasheet HTML 37Page - Cypress Semiconductor CYW43353 Datasheet HTML 38Page - Cypress Semiconductor CYW43353 Datasheet HTML 39Page - Cypress Semiconductor CYW43353 Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 113 page
background image
Document No. 002-14949 Rev. *F
Page 36 of 113
PRELIMINARY
CYW43353
7.3 I2S Interface
The CYW43353 supports two independent I2S digital audio ports. The I2S signals are:
I2S clock: I2S SCK
I2S Word Select: I2S WS
I2S Data Out: I2S SDO
I2S Data In: I2S SDI
I2S SCK and I2S WS become outputs in master mode and inputs in slave mode, while I2S SDO always stays as an output. The
channel word length is 16 bits and the data is justified so that the MSB of the left-channel data is aligned with the MSB of the I2S bus,
per the I2S specification. The MSB of each data word is transmitted one bit clock cycle after the I2S WS transition, synchronous with
the falling edge of bit clock. Left-channel data is transmitted when I2S WS is low, and right-channel data is transmitted when I2S WS
is high. Data bits sent by the CYW43353 are synchronized with the falling edge of I2S_SCK and should be sampled by the receiver
on the rising edge of I2S_SSCK.
The clock rate in master mode is either of the following:
48 kHz x 32 bits per frame = 1.536 MHz
48 kHz x 50 bits per frame = 2.400 MHz
The master clock is generated from the input reference clock using a N/M clock divider.
In the slave mode, any clock rate is supported to a maximum of 3.072 MHz.
7.3.1 I2S Timing
Note: Timing values specified in Table 11 are relative to high and low threshold levels.
Table 11. Timing for I2S Transmitters and Receivers
Transmitter
Receiver
Notes
Lower LImit
Upper Limit
Lower Limit
Upper Limit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Clock Period T
Ttr
–––
Tr
––
1
Master Mode: Clock generated by transmitter or receiver
HIGH tHC
0.35Ttr
0.35Ttr
––
2
LOWtLC
0.35Ttr
0.35Ttr
––
2
Slave Mode: Clock accepted by transmitter or receiver
HIGH tHC
0.35Ttr
0.35Ttr
––
3
LOW tLC
0.35Ttr
0.35Ttr
––
3
Rise time tRC
0.15Ttr
––
4
Transmitter
Delay tdtr
0.8T
–––
5
Hold time thtr
0
–––
–––
4
Receiver
Setup time tsr
–––
0.2Tr
––
6
Hold time thr
–––
–0–
6


Similar Part No. - CYW43353

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4330 CYPRESS-CYW4330 Datasheet
4Mb / 55P
   Bluetooth 4.0 EDR and Low Energy compliant
CYW4330 CYPRESS-CYW4330 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
logo
Infineon Technologies A...
CYW4330 INFINEON-CYW4330 Datasheet
2Mb / 121P
   Single-Chip 5G WiFi IEEE 802.11n/ac MAC/Baseband/ Radio with Integrated Bluetooth 5.0
Revised March 22, 2019
logo
Cypress Semiconductor
CYW43340 CYPRESS-CYW43340 Datasheet
1Mb / 96P
   Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
CYW43340HKUBG CYPRESS-CYW43340HKUBG Datasheet
1Mb / 96P
   Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
More results

Similar Description - CYW43353

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM43353 CYPRESS-BCM43353 Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM88335 CYPRESS-BCM88335 Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
BCM88335L2CUBGT CYPRESS-BCM88335L2CUBGT Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com