Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW43143 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYW43143
Description  Single Chip IEEE 802.11 b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43143 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYW43143 Datasheet HTML 1Page - Cypress Semiconductor CYW43143 Datasheet HTML 2Page - Cypress Semiconductor CYW43143 Datasheet HTML 3Page - Cypress Semiconductor CYW43143 Datasheet HTML 4Page - Cypress Semiconductor CYW43143 Datasheet HTML 5Page - Cypress Semiconductor CYW43143 Datasheet HTML 6Page - Cypress Semiconductor CYW43143 Datasheet HTML 7Page - Cypress Semiconductor CYW43143 Datasheet HTML 8Page - Cypress Semiconductor CYW43143 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
ADVANCE
CYW43143
Single Chip IEEE 802.11 b/g/n MAC/PHY/Radio with
USB/SDIO Host Interface
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-15045 Rev. *F
Revised April 20, 2017
The CYW43143 is a single-band, single-stream, IEEE 802.11n compliant, MAC/PHY/Radio system-on-a-chip with internal 2.4 GHz
Power Amplifier (PA) and integrated T/R switch. The CYW43143 supports internal RX diversity by providing two antenna ports. The
device enables development of USB or SDIO 802.11n WLAN clients that can take advantage of the high throughput and extended
range of Cypress second-generation solution. The CYW43143 maintains compatibility with legacy IEEE 802.11b/g devices.
State-of-the-art security is provided by industry standard support for WPA, WPA2 (802.11i), and hardware-accelerated AES
encryption/decryption, coupled with TKIP, IEEE 802.1X support, and a WLAN Authentication and Privacy Infrastructure (WAPI)
hardware engine.
Embedded hardware acceleration enables increased system performance and reduced host-CPU utilization in both client and access
point configurations. The CYW43143 also supports Cypress widely accepted and deployed WPS to easily secure WLAN networks.
SDIO and USB wireless client modules for digital TVs, Blu-ray Disc® players, set-top boxes, game consoles, and printers.
Supports the I2S digital audio interface.
Stand-alone wireless USB dongles and multimedia streaming boxes.
Cypress Part Numbering Scheme
Cypress is converting the acquired IoT part numbers from Broadcom to the Cypress part numbering scheme. Due to this conversion,
there is no change in form, fit, or function as a result of offering the device with Cypress part number marking. The table provides
Cypress ordering part number that matches an existing IoT part number.
Features
Supports 3.3V ±10% power supply input with high efficiency
Power Management Unit (PMU).
Programmable dynamic power management.
Eight GPIOs with multiplexed JTAG interface.
Complies with USB 2.0 specification and link power
management.
Supports standard SDIO v2.0 (50 MHz, 4-bit and 1-bit) and
USB host interfaces.
20 MHz reference clock.
IEEE 802.11x Key Features:
IEEE 802.11n compliant.
2.4 GHz internal PA.
Internal T/R and RX diversity switches.
Supports MCS 0–7 coding rates.
Support for Short Guard Interval (SGI).
Supports USB 2.0, standard SDIO v2.0 (50 MHz,
4-bit and 1-bit) host interfaces.
Supports the I2S audio interface.
Greenfield, mixed mode, and legacy mode support.
802.11n MPDU/MSDU aggregation support for high
throughput.
Full IEEE 802.11b/g legacy compatibility with enhanced perfor-
mance.
Supports Cypress OneDriver™ software.
Supports drivers for Windows®, Linux®, and Android™
operating systems.
Comprehensive wireless network security support that
includes WPA, WPA2, and AES encryption/decryption, coupled
with TKIP, IEEE 802.1X support, and a WAPI encryption/
decryption engine.
Single stream IEEE 802.11n support for 20 MHz and 40 MHz
channels provides PHY layer rates up to 150 Mbps for typical
upper-layer throughput in excess of 90 Mbps.
Supports the IEEE 802.11n RX space-time block coding
(STBC) and low-density parity check (LDPC) options for
improved range and power efficiency.
Supports an IEEE 802.15.2 external coexistence interface to
optimize bandwidth utilization with other colocated wireless
technologies such as GPS, WiMAX, LTE, Bluetooth, and UWB.
Integrated ARM Cortex-M3 processor and on-chip memory for
complete WLAN subsystem functionality, minimizing the need
to wake up the applications processor for standard WLAN
functions. This allows for further minimization of power
consumption while maintaining the ability to field upgrade with
future features. On-chip memory includes 448 KB SRAM and
256 KB ROM.
Table 1. Mapping Table for Part Number between Broadcom and Cypress
Broadcom Part Number
Cypress Part Number
BCM43143
CYW43143
BCM43143KMLG
CYW43143KMLG


Similar Part No. - CYW43143

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYW43012 INFINEON-CYW43012 Datasheet
2Mb / 121P
   Single-Chip 5G WiFi IEEE 802.11n/ac MAC/Baseband/ Radio with Integrated Bluetooth 5.0
Revised March 22, 2019
logo
Cypress Semiconductor
CYW4325 CYPRESS-CYW4325 Datasheet
4Mb / 55P
   Bluetooth 4.0 EDR and Low Energy compliant
CYW4329 CYPRESS-CYW4329 Datasheet
4Mb / 55P
   Bluetooth 4.0 EDR and Low Energy compliant
logo
Infineon Technologies A...
CYW4329 INFINEON-CYW4329 Datasheet
2Mb / 121P
   Single-Chip 5G WiFi IEEE 802.11n/ac MAC/Baseband/ Radio with Integrated Bluetooth 5.0
Revised March 22, 2019
logo
Cypress Semiconductor
CYW4330 CYPRESS-CYW4330 Datasheet
4Mb / 55P
   Bluetooth 4.0 EDR and Low Energy compliant
More results

Similar Description - CYW43143

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM43143KMLGT CYPRESS-BCM43143KMLGT Datasheet
1Mb / 58P
   Single-Chip IEEE 802.11b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
BCM43143KMLG CYPRESS-BCM43143KMLG Datasheet
1Mb / 58P
   Single-Chip IEEE 802.11b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
BCM43362KUBG CYPRESS-BCM43362KUBG Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362KUBGT CYPRESS-BCM43362KUBGT Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362SKUBGT CYPRESS-BCM43362SKUBGT Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM4319XKUBGT CYPRESS-BCM4319XKUBGT Datasheet
2Mb / 84P
   Single-Chip IEEE 802.11??a/b/g/n MAC/Baseband/ Radio with Integrated SDIO and USB Interfaces
BCM4319GKUBGT CYPRESS-BCM4319GKUBGT Datasheet
2Mb / 84P
   Single-Chip IEEE 802.11??a/b/g/n MAC/Baseband/ Radio with Integrated SDIO and USB Interfaces
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
BCM43243KFFBG CYPRESS-BCM43243KFFBG Datasheet
1Mb / 78P
   Single-Chip IEEE 802.11 a/b/g/n 2횞2 MAC/Baseband/Radio
CYW43362 CYPRESS-CYW43362 Datasheet
742Kb / 51P
   Single-Chip IEEE 802.11?줮/g/n MAC/Baseband/Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com