Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210X475K5RAC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # C1210X475K5RAC
Description  12VDC and 12VAC input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

C1210X475K5RAC Datasheet(HTML) 2 Page - Diodes Incorporated

  C1210X475K5RAC Datasheet HTML 1Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 2Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 3Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 4Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 5Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 6Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 7Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AL8807EV4
Issue 2 – May 2012
© Diodes Incorporated 2012
www.diodes.com
2 of 8
Quick Start Guide
Suitable Test Equipment
Count
Description
Manufacturer
Part Number
1
Adjustable Power Supply, 12V
2A
Thurlby Thandar
CPX400A
2
Digital Multimeter
Fluke
179
1
Digital Storage Oscilloscope
Tektronix
TDS2024B
2
LED, high brightness, “Dragon
Diamond”, series connected on
suitable heat conducting PCB
Osram
Lamp Operation
1.
Set the power supply to 12.0V but do not switch on. Set the current limit to 2.0A.
2.
Connect up the AL8807EV4 board to the equipment as in Figure 1 below. Set DMM1 and
DMM2 to measure current up to 2A.
Figure 1: Test Schematic using VDC Input
3.
Cover the LEDs to avoid dazzling.
4.
Switch on the power supply. This should illuminate the LEDs. Note that the input current
(DMM1) is approximately 690mA. The output current (DMM2) is approximately 1.12A. The
input voltage can be varied from approximately 9VDC to 30VDC and the current regulation
observed is typically within ±2%.
CAUTION: The LEDs are very bright. Ensure
they are hidden from direct view, or covered
with a dispersing filter.
The lid from an
aerosol can is convenient for this.
Also the LEDs are very hot. Do not touch!!
DMM
2
A
POWER SUPPLY
+
-
P2
P1
A
K
DMM
1
A
A


Similar Part No. - C1210X475K5RAC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
144Kb / 8P
   The evaluation board does not have reverse supply protection
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
468Kb / 15P
   HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
1Mb / 12P
   9V to 30V DC input (with 2 LEDs)
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
104Kb / 8P
   The evaluation board does not have reverse supply protection.
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
105Kb / 8P
   The evaluation board does not have reverse supply protection
More results

Similar Description - C1210X475K5RAC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806EV6 DIODES-AL8806EV6 Datasheet
418Kb / 8P
   12VDC and 12VAC input
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com