Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210X475K5RAC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # C1210X475K5RAC
Description  The evaluation board does not have reverse supply protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

C1210X475K5RAC Datasheet(HTML) 4 Page - Diodes Incorporated

  C1210X475K5RAC Datasheet HTML 1Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 2Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 3Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 4Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 5Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 6Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 7Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AL8807EV3
Issue 1 – December 2011
www.diodes.com
© Diodes Incorporated 2011
4
AL8807 Operation
In normal operation, when a voltage is applied at +Vin, the AL8807 internal NDMOS switch is turned
on. Current starts to flow through sense resistor R1, inductor L1, and the LED. The current ramps up
linearly, the ramp rate being determined by the input voltage +Vin and the inductor L1. This rising
current produces a voltage ramp across R1. The internal circuit of the AL8807 senses the voltage
across R1 and applies a proportional voltage to the input of the internal comparator. When this
voltage reaches an internally set upper threshold, the NDMOS switch is turned off. The inductor
current continues to flow through R1, L1, the LED and the Schottky diode D1, and back to the supply
rail, but it decays, with the rate of decay determined by the forward voltage drop of the LEDs and the
Schottky diode. This decaying current produces a falling voltage at R1, which is sensed by the
AL8807. A voltage proportional to the sense voltage across R1 is applied at the input of the internal
comparator. When this voltage falls to the internally set lower threshold, the NDMOS switch is turned
on again. This switch-on-and-off cycle continues to provide the average LED current set by the sense
resistor R1. Please refer to the datasheets for the threshold limits, AL8807 internal circuits, electrical
characteristics and parameters.
AL8807EV3 Component list
Ref
Value
Package
Part Number
Manufactu
rer
Notes
U1
AL8807
MSOP
AL8807MP-13
Diodes
Zetex
DC-DC converter
D1
60V, 2A
DFLS260
Diodes
Zetex
Schottky diode
R1
0R1
1206
Generic
1% 250mW
R2
NOT FITTED
R3
1k0
0805
generic
Generic
1% 125mW
C1, C5
4.7uF 50V
1210
C1210X475K5RAC
Generic
KEMET
X7R
C2, C3
100nF, 100V
0805
NMC0805X7R104K100 PF
GRM21BR71H104KA01L
Generic
NIC Comps
MURATA
X7R
C4
1uF 100V
1206
NMC1206X7R104K100
Generic
NIC Comps
X7R
C6, C7,
C8, C9
C12
0805
NOT FITTED
Generic
Fit to improve
EMC
performance if
required
C10, C11
1n5, 100V
0805
Generic
L1
68uH
MSS1038-683ML
NPIS24H680MTRF
NPIS104F680MTRF
Coilcraft
NIC Comps
Note: The component part numbers are correct at the time of publication. Diodes Inc reserves the
right to substitute other parts where necessary, without further notification.


Similar Part No. - C1210X475K5RAC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
144Kb / 8P
   The evaluation board does not have reverse supply protection
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
468Kb / 15P
   HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
1Mb / 12P
   9V to 30V DC input (with 2 LEDs)
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
104Kb / 8P
   The evaluation board does not have reverse supply protection.
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
105Kb / 8P
   The evaluation board does not have reverse supply protection
More results

Similar Description - C1210X475K5RAC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807AEV1 DIODES-AL8807AEV1 Datasheet
104Kb / 8P
   The evaluation board does not have reverse supply protection.
AL8805EV1 DIODES-AL8805EV1 Datasheet
144Kb / 8P
   The evaluation board does not have reverse supply protection
AL8807EV1 DIODES-AL8807EV1 Datasheet
185Kb / 8P
   The evaluation board does not have reverse supply protection.
AL8807AEV3 DIODES-AL8807AEV3 Datasheet
105Kb / 8P
   The evaluation board does not have reverse supply protection
AP8801EV1 DIODES-AP8801EV1 Datasheet
214Kb / 8P
   The evaluation board does not have reverse polarity protection
AP8801EV2 DIODES-AP8801EV2 Datasheet
177Kb / 8P
   The evaluation board does not have reverse polarity protection
AP8800EV2 DIODES-AP8800EV2 Datasheet
177Kb / 8P
   The evaluation board does not have reverse polarity protection
logo
List of Unclassifed Man...
APA102 ETC2-APA102 Datasheet
1Mb / 5P
   Intelligent reverse connect protection, the power supply reverse connection does not damage the IC.
logo
Xilinx, Inc
EN016 XILINX-EN016 Datasheet
70Kb / 3P
   The FIFO16 does not correctly generate the ALMOST EMPTY
logo
Wurth Elektronik GmbH &...
784787120 WURTH-784787120 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com