Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210X475K5RAC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # C1210X475K5RAC
Description  The evaluation board does not have reverse supply protection.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

C1210X475K5RAC Datasheet(HTML) 5 Page - Diodes Incorporated

  C1210X475K5RAC Datasheet HTML 1Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 2Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 3Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 4Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 5Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 6Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 7Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AL8807AEV1
Issue 1 – October 2012
www.diodes.com
© Diodes Incorporated 2012
5
AL8807AEV1 Basic operation at full voltage
1.
Connect Vin and GND
Warning: The board does not feature reverse battery/supply protection.
2.
Set the PSU to 36V
3.
Turn on the PSU and the LED will illuminate and the current should be approximately 680mA.
Warning: Do not stare at the LED directly.
Minimising the output current
Shorting the CTRL pin to GND will cause the LED current to be reduced. On some boards, however,
the LED may not be completely turned off.
Soft start
Adding a C2 capacitor will create a soft-start power-up sequence (0.1ms/nF).
Changing the LED current
1.
Remove R1.
2.
Calculate and replace sense resistor, R1, the value of which is based on the required LED
current without dimming. R1 can be calculated using following equation :
R1 = 0.1V/IOUT
where IOUT = the LED current.
R1 = the sense resistor value in ohms.
0.1V is the nominal sense voltage with ‘CTRL’ open circuit or set to 2.5V.
The device calculator at the address below can be used to speed up the redesign phase:
http://www.diodes.com/destools/calculators.html
PERFORMANCE
The system efficiency depends on the sense resistor, supply voltage, switching frequency and the
number of LEDs.
With a 36V supply and one LED, the switching frequency is typically 188kHz.
The efficiency level is >85% .
For further advice, please contact your local Diodes Field Applications Engineer, or one of our
sales offices listed on the back page of this document.


Similar Part No. - C1210X475K5RAC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
144Kb / 8P
   The evaluation board does not have reverse supply protection
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
468Kb / 15P
   HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
1Mb / 12P
   9V to 30V DC input (with 2 LEDs)
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
105Kb / 8P
   The evaluation board does not have reverse supply protection
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
185Kb / 8P
   The evaluation board does not have reverse supply protection.
More results

Similar Description - C1210X475K5RAC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8805EV1 DIODES-AL8805EV1 Datasheet
144Kb / 8P
   The evaluation board does not have reverse supply protection
AL8807EV3 DIODES-AL8807EV3 Datasheet
197Kb / 8P
   The evaluation board does not have reverse supply protection
AL8807EV1 DIODES-AL8807EV1 Datasheet
185Kb / 8P
   The evaluation board does not have reverse supply protection.
AL8807AEV3 DIODES-AL8807AEV3 Datasheet
105Kb / 8P
   The evaluation board does not have reverse supply protection
AP8801EV1 DIODES-AP8801EV1 Datasheet
214Kb / 8P
   The evaluation board does not have reverse polarity protection
AP8801EV2 DIODES-AP8801EV2 Datasheet
177Kb / 8P
   The evaluation board does not have reverse polarity protection
AP8800EV2 DIODES-AP8800EV2 Datasheet
177Kb / 8P
   The evaluation board does not have reverse polarity protection
logo
List of Unclassifed Man...
APA102 ETC2-APA102 Datasheet
1Mb / 5P
   Intelligent reverse connect protection, the power supply reverse connection does not damage the IC.
logo
Xilinx, Inc
EN016 XILINX-EN016 Datasheet
70Kb / 3P
   The FIFO16 does not correctly generate the ALMOST EMPTY
logo
Wurth Elektronik GmbH &...
784787120 WURTH-784787120 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com