Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR2U30P1-7 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # SBR2U30P1-7
Description  HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR2U30P1-7 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button SBR2U30P1-7 Datasheet HTML 4Page - Diodes Incorporated SBR2U30P1-7 Datasheet HTML 5Page - Diodes Incorporated SBR2U30P1-7 Datasheet HTML 6Page - Diodes Incorporated SBR2U30P1-7 Datasheet HTML 7Page - Diodes Incorporated SBR2U30P1-7 Datasheet HTML 8Page - Diodes Incorporated SBR2U30P1-7 Datasheet HTML 9Page - Diodes Incorporated SBR2U30P1-7 Datasheet HTML 10Page - Diodes Incorporated SBR2U30P1-7 Datasheet HTML 11Page - Diodes Incorporated SBR2U30P1-7 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AL8806
Document number: DS35144 Rev. 5 - 2
8 of 15
www.diodes.com
July 2013
© Diodes Incorporated
AL8806
Application Information (cont.)
PWM Dimming
LED current can be adjusted digitally, by applying a low frequency Pulse Width Modulated (PWM) logic signal to the CTRL pin to turn the device on
and off. This will produce an average output current proportional to the duty cycle of the control signal. In particular, a PWM signal with a max
resolution of 10bit can be applied to the CTRL pin to change the output current to a value below the nominal average value set by resistor RSET. To
achieve this resolution the PWM frequency has to be lower than 500Hz, however higher dimming frequencies can be used - at the expense of
dimming dynamic range and accuracy.
Typically, for a PWM frequency of 500Hz the accuracy is better than 1% for PWM ranging from 1% to 100%.
0
100
200
300
400
500
600
700
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
PWMdimming [%]
Figure 2 PWM Dimming at 500Hz
0
10
20
30
40
50
60
70
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
PWMdimming [%]
Figure 3 Low Duty Cycle PWM Dimming at 500Hz
The PWM pin is designed to be driven by both 3.3V and 5V logic levels directly from a logic output with either an open drain output or push-pull
output stage.


Similar Part No. - SBR2U30P1-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2U30P1-7 DIODES-SBR2U30P1-7 Datasheet
319Kb / 4P
   2.0A SBR Super Barrier Rectifier
SBR2U30P1 Rev. 4 - 2
SBR2U30P1-7 DIODES-SBR2U30P1-7 Datasheet
262Kb / 8P
   12VDC and 12VAC input
More results

Similar Description - SBR2U30P1-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
   HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
logo
Monolithic Power System...
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
   High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
logo
Diodes Incorporated
AL8807 DIODES-AL8807 Datasheet
1Mb / 21P
   HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
AL8861Q DIODES-AL8861Q Datasheet
918Kb / 15P
   HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
AL8860Q DIODES-AL8860Q Datasheet
884Kb / 15P
   HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
Monolithic Power System...
MPQ4425M MPS-MPQ4425M Datasheet
1Mb / 21P
   High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step-Down LED Driver AEC-Q100 Qualified
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com