Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210X475K5RAC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # C1210X475K5RAC
Description  HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

C1210X475K5RAC Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button C1210X475K5RAC Datasheet HTML 2Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 3Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 4Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 5Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 6Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 7Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 8Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 9Page - Diodes Incorporated C1210X475K5RAC Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AL8806
Document number: DS35144 Rev. 5 - 2
6 of 15
www.diodes.com
July 2013
© Diodes Incorporated
AL8806
Typical Operating Performance Characteristics (cont.)
1.5A Nominal LED Current
1.0A Nominal LED Current
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs
6 LEDs
7 LEDs
8 LEDs
-10%
-8%
-6%
-4%
-2%
0%
2%
4%
6%
8%
10%
6
9
12
15
18
21
24
27
30
INPUT VOLTAGE (V)
T = 25°C
L = 33µH
R = 66.67m
A
S
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs
6 LEDs 7 LEDs
8 LEDs
-10%
-8%
-6%
-4%
-2%
0%
2%
4%
6%
8%
10%
6
9
12
15
18
21
24
27
30
INPUT VOLTAGE (V)
T = 25°C
L = 33µH
R = 100m
A
S
1 LED
2 LEDs 3 LEDs 4 LEDs 5 LEDs 6 LEDs 7 LEDs 8 LEDs
6
9
12
15
18
21
24
27
30
INPUT VOLTAGE (V)
T = 25°C
L = 33µH
R = 66.67m
A
S
700
600
500
400
300
200
100
0
1 LED
2 LEDs 3 LEDs 4 LEDs 5 LEDs
6 LEDs 7 LEDs
8 LEDs
0
100
200
300
400
500
600
700
6
9
12
15
18
21
24
27
30
INPUT VOLTAGE (V)
T = 25°C
L = 33µH
R = 100m
A
S
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs
6 LEDs
7 LEDs 8 LEDs
75%
80%
85%
90%
95%
100%
6
9
12
15
18
21
24
27
30
INPUT VOLTAGE (V)
T = 25°C
L = 33µH
R = 66.67m
A
S
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs 6 LEDs
7 LEDs
8 LEDs
75%
80%
85%
90%
95%
100%
6
9
12
15
18
21
24
27
30
INPUT VOLTAGE (V)
T = 25°C
L = 33µH
R = 100m
A
S


Similar Part No. - C1210X475K5RAC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
144Kb / 8P
   The evaluation board does not have reverse supply protection
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
1Mb / 12P
   9V to 30V DC input (with 2 LEDs)
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
104Kb / 8P
   The evaluation board does not have reverse supply protection.
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
105Kb / 8P
   The evaluation board does not have reverse supply protection
C1210X475K5RAC DIODES-C1210X475K5RAC Datasheet
185Kb / 8P
   The evaluation board does not have reverse supply protection.
More results

Similar Description - C1210X475K5RAC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
   HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
logo
Monolithic Power System...
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
   High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
logo
Diodes Incorporated
AL8807 DIODES-AL8807 Datasheet
1Mb / 21P
   HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
AL8861Q DIODES-AL8861Q Datasheet
918Kb / 15P
   HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
AL8860Q DIODES-AL8860Q Datasheet
884Kb / 15P
   HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
Monolithic Power System...
MPQ4425M MPS-MPQ4425M Datasheet
1Mb / 21P
   High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step-Down LED Driver AEC-Q100 Qualified
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com