Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT78NR106ST Datasheet(PDF) 2 Page - Texas Instruments

Part # PT78NR106ST
Description  1 Amp Plus to Minus Voltage Integrated Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT78NR106ST Datasheet(HTML) 2 Page - Texas Instruments

  PT78NR106ST Datasheet HTML 1Page - Texas Instruments PT78NR106ST Datasheet HTML 2Page - Texas Instruments PT78NR106ST Datasheet HTML 3Page - Texas Instruments PT78NR106ST Datasheet HTML 4Page - Texas Instruments PT78NR106ST Datasheet HTML 5Page - Texas Instruments PT78NR106ST Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
7
1013
1619
2225
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
7
1013
1619
0
0.1
0.2
0.3
0.4
0.5
0.6
7
111519
PT78NR105 -5.0 VDC
(See Note A)
PT78NR109 -9.0 VDC
(See Note A)
PT78NR112 -12.0 VDC (See Note A)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note B)
Power Dissipation vs Output Current
Note A:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application Notes.)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
7.0V
12.0V
15.0V
20.0V
25.0V
Vin
0
40
80
120
160
200
0
0.2
0.4
0.6
0.8
1
25.0V
20.0V
15.0V
12.0V
7.0V
Vin
85°C
60°C
85°C
70°C
85°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.1
0.2
0.3
0.4
0.5
21.0V
18.0V
15.0V
12.0V
7.0V
Vin
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
7.0V
12.0V
15.0V
18.0V
21.0V
Vin
0
40
80
120
160
200
0
0.1
0.2
0.3
0.4
0.5
21.0V
18.0V
15.0V
12.0V
7.0V
Vin
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.2
0.4
0.6
0.8
1
25.0V
20.0V
15.0V
12.0V
7.0V
Vin
70°C
70°C
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note B)
Thermal Derating (Ta)
(See Note B)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
PT78NR100 Series
1 Amp Plus to Minus Voltage
Integrated Switching Regulator
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
Iout-(Amps)
7.0V
9.0V
12.0V
15.0V
18.0V
VIN
0
50
100
150
200
250
0
0.1
0.2
0.3
0.4
Iout-(Amps)
18.0V
15.0V
12.0V
9.0V
7.0V
VIN
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.1
0.2
0.3
0.4
Iout-(Amps)
18.0V
15.0V
12.0V
9.0V
7.0V
VIN


Similar Part No. - PT78NR106ST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT78NR106S TI1-PT78NR106S Datasheet
206Kb / 5P
[Old version datasheet]   Negative output from positive input
More results

Similar Description - PT78NR106ST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT78NR100 TI-PT78NR100 Datasheet
218Kb / 3P
[Old version datasheet]   1 AMP PLUS TO MINUS VOLTAGE INTEGRATED SWITCHING REGULATOR
PT78NR200 TI-PT78NR200 Datasheet
62Kb / 2P
[Old version datasheet]   10-12W Plus to Minus Voltage Integrated Switching Regulator
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
[Old version datasheet]   1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6900 TI-PT6900 Datasheet
188Kb / 5P
[Old version datasheet]   12 WATT PLUS TO MINUS VOLTAGE CONVERTER
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6121 TI1-PT6121 Datasheet
541Kb / 7P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT5040 TI-PT5040 Datasheet
203Kb / 3P
[Old version datasheet]   1 AMP STEP-UP INTEGRATED SWITCHING REGULATOR
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6910 TI-PT6910 Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com