Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800-10-002-10-001000 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # 800-10-002-10-001000
Description  Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

800-10-002-10-001000 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button 800-10-002-10-001000 Datasheet HTML 5Page - Diodes Incorporated 800-10-002-10-001000 Datasheet HTML 6Page - Diodes Incorporated 800-10-002-10-001000 Datasheet HTML 7Page - Diodes Incorporated 800-10-002-10-001000 Datasheet HTML 8Page - Diodes Incorporated 800-10-002-10-001000 Datasheet HTML 9Page - Diodes Incorporated 800-10-002-10-001000 Datasheet HTML 10Page - Diodes Incorporated 800-10-002-10-001000 Datasheet HTML 11Page - Diodes Incorporated 800-10-002-10-001000 Datasheet HTML 12Page - Diodes Incorporated 800-10-002-10-001000 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AL1794EV1 User Guide
Quad-Channel Current-Ratio-Optimized LED Driver
with Analog and PWM Dimming
AL1794EV1 REV1
Page 11 of 13
July 2015
www.diodes.com
Evaluation Board Schematic
LED1
C681
1.0uF/50V
3.3V
GND_1
VLED1'
U681 AP2204K
1
3
4
5
VIN
EN
ADJ/NC
VOUT
3.3V
JP_EN
3.3V
VLED1
C682
4.7uF/10V
C602
100uF/50V
LED3
J4
1
2
3
4
5
6
7
8
VIN
REF
FAULTB
LEDPG
LED4
LED3
GND
GND'
R601 / LED1 / LED2 / LED3 /LED4
GND
12K
/ 250mA/250mA /187mA /62mA
PWM2
PWM4
LEDPG
10K
/ 300mA/300mA /225mA /75mA
MCU1
3
4
5
6
7
8
9
1
10
2
LEDPG
FAULTB
EN
PWM4
PWM3
PWM2
PWM1
GND1
GND2
3.3Vcc
R608
10K
FAULTB
9K
/ 333mA/333mA /250mA /83mA
VLED2
R607
10K
GND_3
AL179x Test Fixture Rev_2.0
2.0
AP1794 Test Fixture
A4
1
1
Tuesday , February 17, 2015
Title
Size
Document Number
Rev
Date:
Sheet
of
C621
1uF
6K
/ 500mA/500mA /375mA /125mA
J3
1
2
3
4
5
6
7
8
EN
PWM4
PWM3
PWM2
PWM1
LED1
LED2
GND
PWM3
LED2
R602
10K
PWM1
GND_4
C601
100uF/50V
C603
0.1uF
U601
AL1794
1
3
4
12
14
2
6
7
9
8
13
11
5
10
EN
PWM3
PWM2
FAULTB
VIN
PWM4
LED1
LED2
LED3
GND
REF
LEDPG
PWM1
LED4
VLED2'
LED4
CON3 LED Board
1
2
3
4
5
6
LED1
LED2
LED3
LED4
VLED1
VLED2
R601
RES
EN
GND_2
Figure 9: Evaluation Board Schematic


Similar Part No. - 800-10-002-10-001000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
800-10-002-20-001000 MILL-MAX-800-10-002-20-001000 Datasheet
183Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Single Row
More results

Similar Description - 800-10-002-10-001000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Maxim Integrated Produc...
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Maxim Integrated Produc...
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
   HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649 Datasheet
304Kb / 14P
   6-Channel Quad-Mode LED Driver with 32 Dimming Levels & PWM
November, 2010 ??Rev. 2
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com