Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0805KRX7R9BB104 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # CC0805KRX7R9BB104
Description  Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

CC0805KRX7R9BB104 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button CC0805KRX7R9BB104 Datasheet HTML 4Page - Diodes Incorporated CC0805KRX7R9BB104 Datasheet HTML 5Page - Diodes Incorporated CC0805KRX7R9BB104 Datasheet HTML 6Page - Diodes Incorporated CC0805KRX7R9BB104 Datasheet HTML 7Page - Diodes Incorporated CC0805KRX7R9BB104 Datasheet HTML 8Page - Diodes Incorporated CC0805KRX7R9BB104 Datasheet HTML 9Page - Diodes Incorporated CC0805KRX7R9BB104 Datasheet HTML 10Page - Diodes Incorporated CC0805KRX7R9BB104 Datasheet HTML 11Page - Diodes Incorporated CC0805KRX7R9BB104 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AL1794EV1 User Guide
Quad-Channel Current-Ratio-Optimized LED Driver
with Analog and PWM Dimming
AL1794EV1 REV1
Page 8 of 13
July 2015
www.diodes.com
Dimming Performances: (PWM Frequency 4KHz, 1KHz, and 10KHz)
1. 4KHz PWM Dimming Current Linearity Test for Channel 1, 2, 3 and 4
(250mA:250mA:187.5mA:62.5mA)
Full-Range (0 - 100%) 4KHz PWM Dimming Performance
Figure 3: 4KHz PWM Dimming Performance
Deep Dimming (0 - 10%) 4KHz PWM Dimming Performance
Deep dimming performance of PWM signals are critical performance factor as human
eyes are more sensitive to brightness change at low light level
Figure 4: 4KHz PWM Dimming Performance below 10% Dimming


Similar Part No. - CC0805KRX7R9BB104

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
CC0805KRX7R9BB104 DIALOG-CC0805KRX7R9BB104 Datasheet
474Kb / 6P
   Evaluation Board for 10W Single-Output Switch-Mode Power Supply
CC0805KRX7R9BB104 DIALOG-CC0805KRX7R9BB104 Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
CC0805KRX7R9BB104 DIALOG-CC0805KRX7R9BB104 Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
More results

Similar Description - CC0805KRX7R9BB104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Maxim Integrated Produc...
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Maxim Integrated Produc...
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
   HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649 Datasheet
304Kb / 14P
   6-Channel Quad-Mode LED Driver with 32 Dimming Levels & PWM
November, 2010 ??Rev. 2
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com