Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEWCT1028 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEWCT1028
Description  WR-112 Waveguide 20 dB Crossguide Coupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1028 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEWCT1028 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1028 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1028 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1028 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1028 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
WR-112 Waveguide 20 dB Crossguide Coupler, 3 Port, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz, Bronze from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 Waveguide 20 dB Crossguide Coupler, 3 Port, UG-51/U Square Cover Flange, 7.05 GHz
to 10 GHz, Bronze PEWCT1028
URL: https://www.pasternack.com/wr-112-waveguide-20-db-crossguide-coupler-3-port-ug51-square-pewct1028-p.aspx
PEWCT1028 REV 1.0
Waveguide Couplers Assemblies Technical Data
PEWCT1028
WR-112 Waveguide 20 dB Crossguide Coupler, 3 Port, UG-
51/U Square Cover Flange, 7.05 GHz to 10 GHz, Bronze


Similar Part No. - PEWCT1028

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1020 PASTERNACK-PEWCT1020 Datasheet
462Kb / 5P
   WR-90 Waveguide 20 dB Crossguide Coupler
PEWCT1021 PASTERNACK-PEWCT1021 Datasheet
468Kb / 5P
   WR-90 Waveguide 30 dB Crossguide Coupler
PEWCT1022 PASTERNACK-PEWCT1022 Datasheet
468Kb / 5P
   WR-90 Waveguide 40 dB Crossguide Coupler
PEWCT1023 PASTERNACK-PEWCT1023 Datasheet
469Kb / 5P
   WR-90 Waveguide 50 dB Crossguide Coupler
PEWCT1024 PASTERNACK-PEWCT1024 Datasheet
473Kb / 5P
   WR-90 Waveguide 20 dB Crossguide Coupler
More results

Similar Description - PEWCT1028

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1032 PASTERNACK-PEWCT1032 Datasheet
464Kb / 5P
   WR-112 Waveguide 20 dB Crossguide Coupler
PEWCT1034 PASTERNACK-PEWCT1034 Datasheet
478Kb / 5P
   WR-112 Waveguide 40 dB Crossguide Coupler
PEWCT1035 PASTERNACK-PEWCT1035 Datasheet
478Kb / 5P
   WR-112 Waveguide 50 dB Crossguide Coupler
PEWCT1030 PASTERNACK-PEWCT1030 Datasheet
463Kb / 5P
   WR-112 Waveguide 40 dB Crossguide Coupler
PEWCT1029 PASTERNACK-PEWCT1029 Datasheet
463Kb / 5P
   WR-112 Waveguide 30 dB Crossguide Coupler
PEWCT1031 PASTERNACK-PEWCT1031 Datasheet
464Kb / 5P
   WR-112 Waveguide 50 dB Crossguide Coupler
PEWCT1033 PASTERNACK-PEWCT1033 Datasheet
477Kb / 5P
   WR-112 Waveguide 30 dB Crossguide Coupler
PEWCT1044 PASTERNACK-PEWCT1044 Datasheet
538Kb / 5P
   WR-34 Waveguide 20 dB Crossguide Coupler
PEWCT1000 PASTERNACK-PEWCT1000 Datasheet
464Kb / 5P
   WR-34 Waveguide 20 dB Crossguide Coupler
PEWCT1012 PASTERNACK-PEWCT1012 Datasheet
465Kb / 5P
   WR-62 Waveguide 20 dB Crossguide Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com