Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53555UC24X Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN53555UC24X
Description  5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53555UC24X Datasheet(HTML) 2 Page - ON Semiconductor

  FAN53555UC24X Datasheet HTML 1Page - ON Semiconductor FAN53555UC24X Datasheet HTML 2Page - ON Semiconductor FAN53555UC24X Datasheet HTML 3Page - ON Semiconductor FAN53555UC24X Datasheet HTML 4Page - ON Semiconductor FAN53555UC24X Datasheet HTML 5Page - ON Semiconductor FAN53555UC24X Datasheet HTML 6Page - ON Semiconductor FAN53555UC24X Datasheet HTML 7Page - ON Semiconductor FAN53555UC24X Datasheet HTML 8Page - ON Semiconductor FAN53555UC24X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
FAN53555
www.onsemi.com
2
Table 1. ORDERING INFORMATION
Part Number
Power−Up Defaults
I2C Slave
Address
A1 PIN
Function
Max. R5C
MS Cur-
rent
Max. Pulse
Current
(50 ms)
Programmable
Output Voltage
EN Pin Low
VSEL0
VSEL1
FAN53555UC00X
1.05
1.20
C0
VSEL
5 A
N/A
0.6−1.23 V in 10mV
Registers not
reset
FAN53555UC01X
0.90
OFF
VSEL
5 A
N/A
FAN53555UC03X
0.90
N/A
PGOOD
5 A
N/A
FAN53555UC04X
1.10
1.20
VSEL
5 A
N/A
0.603−1.411 V in
12.826mV
Registers
reset
FAN53555UC05X
0.90
OFF
VSEL
5 A
6.5 A
0.6−1.23 V in 10mV
Registers not
reset
FAN53555BUC05X
(Note 1)
0.90
OFF
VSEL
5 A
6.5 A
FAN53555UC08X
1.02
1.15
VSEL
4 A
N/A
FAN53555BUC08X
(Note 1)
1.02
1.15
VSEL
4 A
N/A
FAN53555BUC09X
(Note 1)
1.10
1.10
VSEL
3 A
N/A
0.603−1.411 V in
12.826mV
FAN53555UC09X
1.10
1.10
VSEL
3 A
N/A
FAN53555UC13X
1.15
1.15
VSEL
5 A
N/A
0.8−1.43 V in 10mV
FAN53555BUC13X
(Note 1)
1.15
1.15
VSEL
5 A
N/A
FAN53555UC18X
1.02
1.15
VSEL
5 A
N/A
0.6−1.23 V in 10mV
FAN53555BUC18X
(Note 1)
1.02
1.15
VSEL
5 A
N/A
FAN5355BUC79X
0.85
N/A
PGOOD
5 A
N/A
Registers
reset
FAN53555BUC23X
(Note 1)
1.15
1.15
VSEL
5 A
N/A
0.6−1.3875 V in
12.5mV
Registers not
reset
FAN53555UC24X
1.225
1.212
VSEL
4 A
N/A
0.603−1.42 V in
12.967mV
Registers
reset
FAN53555BUC24X
(Note 1)
1.225
1.212
VSEL
4 A
N/A
FAN53555UC042X
(Note 2)
1.10
1.20
C4
VSEL
5 A
N/A
0.603−1.411 V in
12.826mV
1. The FAN53555BUC05X, FAN53555BUC08X, FAN53555BUC09X, FAN53555BUC13X, FAN53555BUC18X, FAN53555BUC23X, and
FAN53555BUC24X, include backside lamination.
2. The 042 option is the same as the 04 option, except the I2C slave addresses.
3. Temperature Range −40 to 85 °C, Package WLCSP−20, Packing Method Tape & Reel


Similar Part No. - FAN53555UC24X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355 Datasheet
1Mb / 27P
   1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
FAN5355 FAIRCHILD-FAN5355 Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
logo
Fairchild Semiconductor
FAN5355MP00X FAIRCHILD-FAN5355MP00X Datasheet
1Mb / 27P
   1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
FAN5355MP00X FAIRCHILD-FAN5355MP00X Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
More results

Similar Description - FAN53555UC24X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
   3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN53528 ONSEMI-FAN53528 Datasheet
553Kb / 4P
   3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Rev. 1.2
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
ON Semiconductor
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com