Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53555BUC23X Datasheet(PDF) 11 Page - ON Semiconductor

Part # FAN53555BUC23X
Description  5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53555BUC23X Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FAN53555BUC23X Datasheet HTML 7Page - ON Semiconductor FAN53555BUC23X Datasheet HTML 8Page - ON Semiconductor FAN53555BUC23X Datasheet HTML 9Page - ON Semiconductor FAN53555BUC23X Datasheet HTML 10Page - ON Semiconductor FAN53555BUC23X Datasheet HTML 11Page - ON Semiconductor FAN53555BUC23X Datasheet HTML 12Page - ON Semiconductor FAN53555BUC23X Datasheet HTML 13Page - ON Semiconductor FAN53555BUC23X Datasheet HTML 14Page - ON Semiconductor FAN53555BUC23X Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
FAN53555
www.onsemi.com
11
TYPICAL CHARACTERISTICS (Continued)
Unless otherwise specified, Auto PFM/PWM, VIN = 3.6 V, VOUT = 1.2 V, SCL = SDA = VSEL = EN = 1.8 V, TA = 25°C; circuit and
components according to Figure 1 and Table 1.
0
5
10
15
20
25
0
1000
2000
3000
4000
5000
0
4
8
12
16
20
0
1000
2000
3000
4000
5000
200
400
600
800
1,000
2.5
3.0
3.5
4.0
4.5
5.0
5.5
200
400
600
800
1,000
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
0
1000
2000
3000
4000
5000
0
500
1,000
1,500
2,000
2,500
3,000
0
1000
2000
3000
4000
5000
LOAD CURRENT (mA)
2.7 VIN
3.6 VIN
5.0 VIN
Figure 12. Output Regulation vs. Load
Current and Input Voltage, VOUT = 1.2 V
Figure 13. Output Regulation vs. Load Current
and Input Voltage, VOUT=0.9 V
LOAD CURRENT (mA)
2.7 VIN
3.6 VIN
5.0 VIN
PFM Exit
PFM Enter
INPUT VOLTAGE (V)
Figure 14. PFM Entry / Exit Level vs. Input
Voltage, VOUT=1.2 V
PFM Exit
PFM Enter
INPUT VOLTAGE (V)
Figure 15. PFM Entry / Exit Level vs. Input
Voltage, VOUT=0.9 V
3.6VIN, 1.2VOUT, Auto
3.6VIN, 1.2VOUT, PWM
5.0VIN, 1.2VOUT, Auto
5.0VIN, 1.2VOUT, PWM
5.0VIN, 0.9VOUT, Auto
LOAD CURRENT (mA)
Figure 16. Output Ripple vs. Load Current,
VIN=5 V and 3.6 V, VOUT=1.2 V and 0.9 V, Auto
and FPWM
3.6VIN, 1.2VOUT, Auto
3.6VIN, 0.9VOUT, Auto
5.0VIN, 1.2VOUT, Auto
5.0VIN, 0.9VOUT, Auto
Figure 17. Frequency vs. Load Current,
VIN=5 V and 3.6 V, VOUT=1.2 V and 0.9 V, Auto
PWM
LOAD CURRENT (mA)


Similar Part No. - FAN53555BUC23X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355 Datasheet
1Mb / 27P
   1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
FAN5355 FAIRCHILD-FAN5355 Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
logo
Fairchild Semiconductor
FAN5355MP00X FAIRCHILD-FAN5355MP00X Datasheet
1Mb / 27P
   1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
FAN5355MP00X FAIRCHILD-FAN5355MP00X Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
More results

Similar Description - FAN53555BUC23X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
   3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN53528 ONSEMI-FAN53528 Datasheet
553Kb / 4P
   3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Rev. 1.2
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
ON Semiconductor
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com