Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53611AUC205X Datasheet(PDF) 8 Page - ON Semiconductor

Part # FAN53611AUC205X
Description  6 MHz, 600mA / 1 A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53611AUC205X Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FAN53611AUC205X Datasheet HTML 4Page - ON Semiconductor FAN53611AUC205X Datasheet HTML 5Page - ON Semiconductor FAN53611AUC205X Datasheet HTML 6Page - ON Semiconductor FAN53611AUC205X Datasheet HTML 7Page - ON Semiconductor FAN53611AUC205X Datasheet HTML 8Page - ON Semiconductor FAN53611AUC205X Datasheet HTML 9Page - ON Semiconductor FAN53611AUC205X Datasheet HTML 10Page - ON Semiconductor FAN53611AUC205X Datasheet HTML 11Page - ON Semiconductor FAN53611AUC205X Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.onsemi.com
8
Typical Performance Characteristics (Continued)
Unless otherw ise noted, VIN = VEN = 3.6 V, VMODE = 0 V (AUTO Mode), VOUT = 1.82 V, and TA = 25°C.
0
5
10
15
20
25
0
200
400
600
800
1000
Load Current (mA)
2.7VIN, AUTO
3.6VIN, AUTO
5.0VIN, AUTO
2.7VIN, PWM
3.6VIN, PWM
5.0VIN, PWM
0
1,500
3,000
4,500
6,000
7,500
0
200
400
600
800
1000
Load Current (mA)
2.7VIN, AUTO
3.6VIN, AUTO
5.0VIN, AUTO
2.7VIN, PWM
3.6VIN, PWM
5.0VIN, PWM
Figure 16. Output Ripple vs. Load Current and
Input Voltage, FPWM, Dotted for Auto Mode
Figure 17. Frequency vs. Load Current and
Input Voltage, Auto Mode, Dotted for FPWM
Figure 18. Load Transient, 10-200-10 m A, 100 ns Edge
Figure 19. Load Transient, 200-800-200 m A,
100 ns Edge
Figure 20. Line Transient, 3.3-3.9-3.3 VIN, 10 µs Edge,
36 m A Load
Figure 21. Line Transient, 3.3-3.9-3.3 VIN, 10 µs Edge,
600 m A Load


Similar Part No. - FAN53611AUC205X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53611AUC11X FAIRCHILD-FAN53611AUC11X Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
More results

Similar Description - FAN53611AUC205X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53601 FAIRCHILD-FAN53601 Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
logo
ON Semiconductor
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
NCP1595 ONSEMI-NCP1595_12 Datasheet
348Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
March, 2012 ??Rev. 9
NCP1597B ONSEMI-NCP1597B Datasheet
168Kb / 9P
   1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com