Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063A Datasheet(PDF) 12 Page - ON Semiconductor

Part No. MC34063A
Description  1.5 A, Step-Up/Down/Inverting Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34063A Datasheet(HTML) 12 Page - ON Semiconductor

Back Button MC34063A Datasheet HTML 7Page - ON Semiconductor MC34063A Datasheet HTML 8Page - ON Semiconductor MC34063A Datasheet HTML 9Page - ON Semiconductor MC34063A Datasheet HTML 10Page - ON Semiconductor MC34063A Datasheet HTML 11Page - ON Semiconductor MC34063A Datasheet HTML 12Page - ON Semiconductor MC34063A Datasheet HTML 13Page - ON Semiconductor MC34063A Datasheet HTML 14Page - ON Semiconductor MC34063A Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MC34063A, MC33063A, SC34063A, SC33063A, NCV33063A
www.onsemi.com
12
ORDERING INFORMATION
Device
Package
Shipping
MC33063ADG
SOIC−8
(Pb−Free)
98 Units / Rail
MC33063ADR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
SC33063ADR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
MC33063AP1G
PDIP−8
(Pb−Free)
50 Units / Rail
MC33063AVDG
SOIC−8
(Pb−Free)
98 Units / Rail
MC33063AVDR2G
SOIC−8
(Pb−Free)
NCV33063AVDR2G*
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
MC33063AVPG
PDIP−8
(Pb−Free)
50 Units / Rail
MC34063ADG
SOIC−8
(Pb−Free)
98 Units / Rail
MC34063ADR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
SC34063ADR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
MC34063AP1G
PDIP−8
(Pb−Free)
50 Units / Rail
SC34063AP1G
PDIP−8
(Pb−Free)
50 Units / Rail
MC33063MNTXG
DFN8
(Pb−Free)
4000 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
*NCV33063A: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and
change control.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn