Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53611AUC135X Datasheet(PDF) 3 Page - ON Semiconductor

Part # FAN53611AUC135X
Description  6 MHz, 600mA / 1 A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53611AUC135X Datasheet(HTML) 3 Page - ON Semiconductor

  FAN53611AUC135X Datasheet HTML 1Page - ON Semiconductor FAN53611AUC135X Datasheet HTML 2Page - ON Semiconductor FAN53611AUC135X Datasheet HTML 3Page - ON Semiconductor FAN53611AUC135X Datasheet HTML 4Page - ON Semiconductor FAN53611AUC135X Datasheet HTML 5Page - ON Semiconductor FAN53611AUC135X Datasheet HTML 6Page - ON Semiconductor FAN53611AUC135X Datasheet HTML 7Page - ON Semiconductor FAN53611AUC135X Datasheet HTML 8Page - ON Semiconductor FAN53611AUC135X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.onsemi.com
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above
the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended
exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings
are stress ratings only.
Symbol
Parameter
Min.
Max.
Units
VIN
Input Voltage
-0.3
7.0
V
VSW
Voltage on SW Pin
-0.3
VIN + 0.3
(3)
V
VCTRL
EN and MODE Pin Voltage
-0.3
VIN + 0.3
(3)
V
Other Pins
-0.3
VIN + 0.3
(3)
V
ESD
Electrostatic Discharge
Protection Level
Human Body Model per JESD22-A114
2.0
kV
Charged Device Model per JESD22-C101
1.5
TJ
Junction Temperature
-40
+150
°C
TSTG
Storage Temperature
-65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Note:
3.
Lesser of 7 V or VIN+0.3 V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. ON Semiconductor does not recommend
exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC
Supply Voltage Range
2.3
5.5
V
IOUT
Output Current for FAN53601
0
600
mA
Output Current for FAN53611
0
1
A
L
Inductor
470
nH
CIN
Input Capacitor
2.2
µF
COUT
Output Capacitor
1.6
4.7
12.0
µF
TA
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C
Thermal Properties
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured w ith four-layer 2s2p
boards in accordance to JEDEC standard JESD51. Special attention must be paid to not exceed junction temperature TJ(max) at a
given ambient temperature TA.
Symbol
Parameter
Typical
Unit
θJA
Junction-to-Ambient Thermal Resistance
125
°C/W


Similar Part No. - FAN53611AUC135X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53611AUC11X FAIRCHILD-FAN53611AUC11X Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
More results

Similar Description - FAN53611AUC135X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53601 FAIRCHILD-FAN53601 Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
logo
ON Semiconductor
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
NCP1595 ONSEMI-NCP1595_12 Datasheet
348Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
March, 2012 ??Rev. 9
NCP1597B ONSEMI-NCP1597B Datasheet
168Kb / 9P
   1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com