Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53526UC168X Datasheet(PDF) 11 Page - ON Semiconductor

Part # FAN53526UC168X
Description  3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53526UC168X Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FAN53526UC168X Datasheet HTML 7Page - ON Semiconductor FAN53526UC168X Datasheet HTML 8Page - ON Semiconductor FAN53526UC168X Datasheet HTML 9Page - ON Semiconductor FAN53526UC168X Datasheet HTML 10Page - ON Semiconductor FAN53526UC168X Datasheet HTML 11Page - ON Semiconductor FAN53526UC168X Datasheet HTML 12Page - ON Semiconductor FAN53526UC168X Datasheet HTML 13Page - ON Semiconductor FAN53526UC168X Datasheet HTML 14Page - ON Semiconductor FAN53526UC168X Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
FAN53526
www.onsemi.com
11
TYPICAL CHARACTERISTICS (continued)
(Unless otherwise specified, Auto PFM/PWM Mode, VIN = 3.6 V, VOUT = 1.15625V, VSEL = EN = VIN, TA = 25°C; circuit and components
according to Figure 1 and Table 2. Efficiency test conditions; ILOAD: 1 mA to 3 A, L = 330 nH, DFE201612E−R33N (Toko). CIN = 4.7 mF,
0603, C1608X5R1A475K (TDK), COUT x 2 = 2X47 mF, 0603, GRM188R60J476ME (Murata).)
IOUT (9500mA/div)
0mA
500mA
VOUT (10mV/div)
0.6V offset
618mV
+ 16mV
− 16mV
582mV
Figure 17. Load Transient, 3.8 VIN, 0.6 VOUT, 0−500
mA, 100 ns Edge, 47 mF COUT
Operating Description
The FAN53526 is a step−down switching voltage
regulator that delivers a programmable output voltage from
an input voltage supply of 2.5 V to 5.5 V. Using a proprietary
architecture with synchronous rectification, the FAN53526
is capable of delivering 3.0 A at over 80% efficiency. The
regulator operates at a nominal frequency of 2.4 MHz at full
load, which reduces the value of the external components to
330 nH or 470 nH for the output inductor and 44
μF for the
output capacitor. High efficiency is maintained at light load
with single−pulse PFM.
An I2C−compatible interface allows transfers up to
3.4 Mbps. This communication interface can be used to:
Dynamically re−program the output voltage in 6.25 mV
increments;
Reprogram the mode to enable or disable PFM;
Control voltage transition slew rate; or
Enable / disable the regulator.
Control Scheme
The FAN53526 uses a proprietary non−linear,
fixed−frequency PWM modulator to deliver a fast load
transient response, while maintaining a constant switching
frequency over a wide range of operating conditions. The
regulator performance is independent of the output
capacitor ESR, allowing for the use of ceramic output
capacitors. Although this type of operation normally results
in a switching frequency that varies with input voltage and
load current, an internal frequency loop holds the switching
frequency constant over a large range of input voltages and
load currents.
For very light loads, the FAN53526 operates in
Discontinuous Current Mode (DCM) single−pulse PFM,
which produces low output ripple compared with other PFM
architectures. Transition between PWM and PFM is
relatively seamless, providing a smooth transition between
DCM and CCM Modes.
PFM can be disabled by programming the MODE bits in
the CONTROL register in combination with the state of the
VSEL pin
. See table in the Control Register, 02h.
Enable and Soft−Start
When the EN pin is LOW; the IC is shut down, all internal
circuits are off, and the part draws very little current. In this
state, I2C can be written to or read from as long as input
voltage is above the UVLO. The registers keep the content
when the EN pin is LOW. The registers are reset to default
values during a Power On Reset (POR). When the
OUTPUT_DISCHARGE bit in the Control register is
enabled (logic HIGH) and the EN pin is LOW or the
BUCK_ENx bit is LOW, an 11 W load is connected from
VOUT to GND to discharge the output capacitors.
Raising EN while the BUCK_ENx bit is HIGH activates
the part and begins the soft−start cycle. During soft−start, the
modulator’s internal reference is ramped slowly to minimize
surge currents on the input and prevent overshoot of the
output voltage. Synchronous rectification is inhibited,
allowing the IC to start into a pre−charged capacitive load.
If large values of output capacitance are used, the
regulator may fail to start. The maximum COUT capacitance
for starting with a heavy constant−current load is
approximately:


Similar Part No. - FAN53526UC168X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53526UC100X ONSEMI-FAN53526UC100X Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53526UC106X ONSEMI-FAN53526UC106X Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53526UC128X ONSEMI-FAN53526UC128X Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
More results

Similar Description - FAN53526UC168X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53528 ONSEMI-FAN53528 Datasheet
553Kb / 4P
   3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Rev. 1.2
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
ON Semiconductor
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com