Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53526UC288X Datasheet(PDF) 10 Page - ON Semiconductor

Part # FAN53526UC288X
Description  3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53526UC288X Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FAN53526UC288X Datasheet HTML 6Page - ON Semiconductor FAN53526UC288X Datasheet HTML 7Page - ON Semiconductor FAN53526UC288X Datasheet HTML 8Page - ON Semiconductor FAN53526UC288X Datasheet HTML 9Page - ON Semiconductor FAN53526UC288X Datasheet HTML 10Page - ON Semiconductor FAN53526UC288X Datasheet HTML 11Page - ON Semiconductor FAN53526UC288X Datasheet HTML 12Page - ON Semiconductor FAN53526UC288X Datasheet HTML 13Page - ON Semiconductor FAN53526UC288X Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
FAN53526
www.onsemi.com
10
TYPICAL CHARACTERISTICS (continued)
(Unless otherwise specified, Auto PFM/PWM Mode, VIN = 3.6 V, VOUT = 1.15625V, VSEL = EN = VIN, TA = 25°C; circuit and components
according to Figure 1 and Table 2. Efficiency test conditions; ILOAD: 1 mA to 3 A, L = 330 nH, DFE201612E−R33N (Toko). CIN = 4.7 mF,
0603, C1608X5R1A475K (TDK), COUT x 2 = 2X47 mF, 0603, GRM188R60J476ME (Murata).)
Figure 11. Quiescent Current vs. Input Voltage and
Temperature, Auto Mode, VOUT=1.15625V
Figure 12. Efficiency vs. Load Current and
Temperature, VIN=3.6V, VOUT=1.15625V
VIN
VOUT
Figure 13. Line Transient, 3.6−4.2 VIN, 1.15625
VOUT, 10 ms Edge at 1 A Load
IOUT
VOUT
Figure 14. Load Transient, 3.6 VIN, 1.15625 VOUT,
0.01−1.5 A, 120 ns Edge
EN
VOUT
Figure 15. Startup, 5 W Load, VOUT = 1.15625 V,
VIN = 3.6 V
IOUT
VOUT
Figure 16. Load Transient, 3.6 VIN, 1.15625 VOUT,
1.5−3 A, 120 ns Edge


Similar Part No. - FAN53526UC288X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53526UC00X ONSEMI-FAN53526UC00X Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53526UC100X ONSEMI-FAN53526UC100X Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53526UC106X ONSEMI-FAN53526UC106X Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53526UC128X ONSEMI-FAN53526UC128X Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53526UC84X ONSEMI-FAN53526UC84X Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
More results

Similar Description - FAN53526UC288X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53528 ONSEMI-FAN53528 Datasheet
553Kb / 4P
   3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Rev. 1.2
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
ON Semiconductor
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com