Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53555UC04X Datasheet(PDF) 3 Page - ON Semiconductor

Part # FAN53555UC04X
Description  5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53555UC04X Datasheet(HTML) 3 Page - ON Semiconductor

  FAN53555UC04X Datasheet HTML 1Page - ON Semiconductor FAN53555UC04X Datasheet HTML 2Page - ON Semiconductor FAN53555UC04X Datasheet HTML 3Page - ON Semiconductor FAN53555UC04X Datasheet HTML 4Page - ON Semiconductor FAN53555UC04X Datasheet HTML 5Page - ON Semiconductor FAN53555UC04X Datasheet HTML 6Page - ON Semiconductor FAN53555UC04X Datasheet HTML 7Page - ON Semiconductor FAN53555UC04X Datasheet HTML 8Page - ON Semiconductor FAN53555UC04X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
FAN53555
www.onsemi.com
3
RECOMMENDED EXTERNAL COMPONENTS
Table 2. RECOMMENDED EXTERNAL COMPONENTS FOR 5 A MAXIMUM LOAD CURRENT
Component
Description
Vendor
Parameter
Typ.
Unit
L1
330 nH Nominal
See Table 3
L
0.33
mH
DCR
13
mW
COUT
2 Pieces;
22 μF, 6.3 V, X5R, 0805
GRM21BR60J226M (Murata)
C2012X5R0J226M (TDK)
C
44
mF
CIN
1 Piece;
10 μF, 10 V, X5R, 0805
LMK212BJ106KG−T (Taiyo Yuden)
C2012X5R1A106M (TDK)
C
10
2 Pieces;
10 μF, 6.3 V, X5R, 0805
GRM21BR60J106M (Murata)
C2012X5R0J106M (TDK)
C
20
CIN1
10 nF, 25 V, X7R, 0402
GRM155R71E103K (Murata)
C1005X7R1E103K (TDK)
C
10
nF
Table 3. RECOMMENDED INDUCTORS FOR HIGH−CURRENT APPLICATIONS
Manufacturer
Part#
L (nH)
DCR (mW)
IMAXDC
(Note 4)
Component Dimensions
L
W
H
Vishay
IHLP1616ABERR47M01
470
20.0
5.0
4.5
4.1
1.2
Mag. Layers (Note 5)
MMD−04ABNR33M−M1−RU
330
12.5
7.5
4.5
4.1
1.2
Mag. Layers
MMD−04ABNR47M−M1−RU
470
20.0
5.0
4.5
4.1
1.2
Inter−Technical
SM1608−R33M
330
9.6
9.0
4.5
4.1
2.0
Bournes
SRP4012−R33M
330
15.0
6.7
4.7
4.2
1.2
Bournes
SRP4012−R47M
470
20.0
5.0
4.7
4.2
1.2
TDK
VLC5020T−R47M
470
15.0
5.4
5.0
5.0
2.0
4. IMAXDC is the lesser current to produce 40°C temperature rise or 30% inductance roll−off.
5. Preferred inductor value is 330 nH and all dynamic characterization was performed with this coil.
FAN53555−24, −08, and −09 Reduced Output Current (4 A Max. RMS. for 08, and 24, 3 A Max. RMS for
09) Smaller Footprint Application
The FAN53555−24, −08, and −09 were developed to provide power for core processors with high−performance graphics
acceleration in Li−Ion−powered handheld devices. These applications require a very compact solution. The smaller input and
output capacitors in the table below assume that additional bypass capacitance exists across the battery in fairly close proximity
to the regulator(s). The CIN capacitors specified below are the capacitors that are required in very close proximity to VIN and
PGND (see layout recommendations in Figure 2 below).
Table 4. RECOMMENDED EXTERNAL COMPONENTS FOR LOWER−CURRENT APPLICATIONS WITH
FAN53555−08−09−24
Component
Description
Vendor
Parameter
Typ
Unit
L1
470 or 330 nH, 2016 case size
See Table 5
COUT
−08, ,24 Option
2 Pieces 22 μF, 6.3 V, X5R, 0603
C1608X5R0J226M (TDK)
C
44
mF
−09 Option
1 Piece 22 μF, 6.3 V, X5R, 0603
22
CIN
1 Piece;
10 μF, 10 V, X5R, 0402
GRM155R61A106M (Murata)
C
10
CIN1
10 nF, 25 V, X5R, 0201
TMK063CG100DT−F (Taiyo Yuden)
C
10
nF


Similar Part No. - FAN53555UC04X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355 Datasheet
1Mb / 27P
   1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
FAN5355 FAIRCHILD-FAN5355 Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
logo
Fairchild Semiconductor
FAN5355MP00X FAIRCHILD-FAN5355MP00X Datasheet
1Mb / 27P
   1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
FAN5355MP00X FAIRCHILD-FAN5355MP00X Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
More results

Similar Description - FAN53555UC04X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
   3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN53528 ONSEMI-FAN53528 Datasheet
553Kb / 4P
   3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Rev. 1.2
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
ON Semiconductor
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com