Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53555UC00X Datasheet(PDF) 4 Page - ON Semiconductor

Part # FAN53555UC00X
Description  5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53555UC00X Datasheet(HTML) 4 Page - ON Semiconductor

  FAN53555UC00X Datasheet HTML 1Page - ON Semiconductor FAN53555UC00X Datasheet HTML 2Page - ON Semiconductor FAN53555UC00X Datasheet HTML 3Page - ON Semiconductor FAN53555UC00X Datasheet HTML 4Page - ON Semiconductor FAN53555UC00X Datasheet HTML 5Page - ON Semiconductor FAN53555UC00X Datasheet HTML 6Page - ON Semiconductor FAN53555UC00X Datasheet HTML 7Page - ON Semiconductor FAN53555UC00X Datasheet HTML 8Page - ON Semiconductor FAN53555UC00X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
FAN53555
www.onsemi.com
4
Table 5. RECOMMENDED INDUCTORS FOR LOWER−CURRENT APPLICATIONS WITH FAN53555−08−09−24
Manufacturer
Part#
L (nH)
DCR (mW Typ.)
IMAXDC
(Note 6)
Component Dimensions
L
W
H
Toko
DFE201612R-H−R33N
330
25
3.2
2.0
1.6
1.2
Toko
DFE201612C−R47N
470
40
3.2
2.0
1.6
1.2
Cyntek
PIFE20161B−R47MS−39
470
30
3.1
2.0
1.6
1.2
SEMCO
CIGT201610HMR47SCE
470
30
3.1
2.0
1.6
0.9
6. IMAXDC is the lesser current to produce 40°C temperature rise or 30% inductance roll−off.
LAYOUT
EN
SCL
VOUT
VIN
SW
VSEL*
GND
C1
A1
A2
C3
B3
A3
C2
D1
D3
D2
B2
C4
B4
A4
D4
E1
E3
E2
E4
AGND
SDA
A1 = VSEL for 00, 01, 04, 05, 08, 09, 13, 18, 23, 24
A1 = PGOOD for 03 79
,
C1
B1
A1
C3
B3
A3
A2
C2
D1
D3
D2
B2
C4
B4
A4
D4
E1
E3
E2
E4
B1
Figure 2. Reduced−Footprint Layout
Figure 3. Top View
PIN CONFIGURATION
Table 6. PIN DEFINITIONS
Pin #
Name
Description
A1
VSEL
(Except −03
Option)
Voltage Select. When this pin is LOW, VOUT is set by the VSEL0 register. When this pin is HIGH, VOUT is
set by the VSEL1 register.
PGOOD
(03)
Power Good. This open−drain pin pulls LOW if an overload condition occurs or soft−start is in progress.
A2
EN
Enable. The device is in Shutdown Mode when this pin is LOW. All register values are kept during shut-
down. Options 00, 01, 03, 05, 08 09, 13, 18, and 23 do not reset register values when EN is raised. The 04,
24, 79, and 042 options reset all registers to default values when EN pin is LOW. If pulled up to a low−im-
pedance voltage source greater than 1.8 V, use at least 100 W series resistor.
A3
SCL
I2C Serial Clock
A4
VOUT
VOUT. Sense pin for VOUT. Connect to COUT.
B1
SDA
I2C Serial Data
B2, B3,
C1 – C4
GND
Ground. Low−side MOSFET is referenced to this pin. CIN and COUT should be returned with a minimal path
to these pins.
B4
AGND
Analog Ground. All signals are referenced to this pin. Avoid routing high dV/dt AC currents through this pin.


Similar Part No. - FAN53555UC00X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355 Datasheet
1Mb / 27P
   1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
FAN5355 FAIRCHILD-FAN5355 Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
logo
Fairchild Semiconductor
FAN5355MP00X FAIRCHILD-FAN5355MP00X Datasheet
1Mb / 27P
   1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
FAN5355MP00X FAIRCHILD-FAN5355MP00X Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
More results

Similar Description - FAN53555UC00X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
   3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN53528 ONSEMI-FAN53528 Datasheet
553Kb / 4P
   3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Rev. 1.2
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
ON Semiconductor
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com