Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53541 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FAN53541
Description  2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53541 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FAN53541 Datasheet HTML 3Page - ON Semiconductor FAN53541 Datasheet HTML 4Page - ON Semiconductor FAN53541 Datasheet HTML 5Page - ON Semiconductor FAN53541 Datasheet HTML 6Page - ON Semiconductor FAN53541 Datasheet HTML 7Page - ON Semiconductor FAN53541 Datasheet HTML 8Page - ON Semiconductor FAN53541 Datasheet HTML 9Page - ON Semiconductor FAN53541 Datasheet HTML 10Page - ON Semiconductor FAN53541 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 2013 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FAN53541 • Rev. 1.1
6
www.onsemi.com
Typical Characteristics
Unless otherwise specified; VIN=5 V, VOUT=1.2 V, VMODE=0 V, TA=25°C, circuit in Figure 1, and components per Table 1.
Figure 4. Efficiency vs. ILOAD, 1.2 VOUT
Figure 5. Efficiency vs. ILOAD, 1.2 VOUT
Figure 6. Efficiency vs. ILOAD, 1.8 VOUT
Figure 7. Efficiency vs. ILOAD, 1.8 VOUT
Figure 8. Efficiency vs. ILOAD, 3.3 VOUT
Figure 9. Efficiency vs. ILOAD, 3.3 VOUT
70%
75%
80%
85%
90%
95%
0
1000
2000
3000
4000
5000
Load Current (mA)
2.7 VIN
3.3 VIN
5.0 VIN
5.5 VIN
70%
75%
80%
85%
90%
95%
0
1000
2000
3000
4000
5000
Load Current (mA)
-40C
+25C
+85C
70%
75%
80%
85%
90%
95%
0
1000
2000
3000
4000
5000
Load Current (mA)
2.7 VIN
3.3 VIN
5.0 VIN
5.5 VIN
70%
75%
80%
85%
90%
95%
0
1000
2000
3000
4000
5000
Load Current (mA)
-40C
+25C
+85C
75%
80%
85%
90%
95%
100%
0
1000
2000
3000
4000
5000
Load Current (mA)
4.2 VIN
5.0 VIN
5.5 VIN
75%
80%
85%
90%
95%
100%
0
1000
2000
3000
4000
5000
Load Current (mA)
-40C
+25C
+85C


Similar Part No. - FAN53541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
FAN53541UCX FAIRCHILD-FAN53541UCX Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
More results

Similar Description - FAN53541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
   3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361 Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com