Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53528BUC08X Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN53528BUC08X
Description  3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53528BUC08X Datasheet(HTML) 2 Page - ON Semiconductor

  FAN53528BUC08X Datasheet HTML 1Page - ON Semiconductor FAN53528BUC08X Datasheet HTML 2Page - ON Semiconductor FAN53528BUC08X Datasheet HTML 3Page - ON Semiconductor FAN53528BUC08X Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
August 2016
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53528
• Rev. 1.2
FAN53528
3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Features
Fixed-Frequency Operation: 2.4 MHz
Best-in-Class Load Transient
Continuous Output Current Capability: 3.0 A
2.5 V to 5.5 V Input Voltage Range
Digitally Programmable Output Voltage:
0.35 V to 1.14375 V in 6.25 mV Steps
Programmable Slew Rate for Voltage Transitions
I2C-Compatible Interface Up to 3.4 Mbps
PFM Mode for High Efficiency in Light-Load
Quiescent Current in PFM Mode: 50 µA (Typical)
Input Under-Voltage Lockout (UVLO)
Thermal Shutdown and Overload Protection
15-Bump Wafer-Level Chip Scale Package
(WLCSP)
Applications
Application, Graphic, and DSP Processors
- ARM™, Tegra™, OMAP™, NovaThor™,
ARMADA™, Krait™, etc.
Hard Disk Drives, LPDDR3, LPDDR4
Tablets, Netbooks, Ultra-Mobile PCs
Smart Phones
Gaming Devices
Description
The FAN53528 is a step-down switching voltage
regulator that delivers a digitally programmable output
from an input voltage supply of 2.5 V to 5.5 V. The
output voltage is programmed through an I
2C interface
capable of operating up to 3.4 MHz.
Using a proprietary architecture with synchronous
rectification, the FAN53528 is capable of delivering
3.0 A continuous at over 80% efficiency, maintaining
that efficiency at load currents as low as 10 mA. The
regulator operates at a nominal fixed frequency of
2.4 MHz, which reduces the value of the external
components. Additional output capacitance can be
added to improve regulation during load transients
without affecting stability.
At
moderate
and
light
loads,
Pulse
Frequency
Modulation (PFM) is used to operate in Power-Save
Mode with a typical quiescent current of 50 µA at room
temperature. Even with such a low quiescent current,
the part exhibits excellent transient response during
large
load
swings.
At
higher
loads,
the
system
automatically
switches
to
fixed-frequency
control,
operating at 2.4 MHz. In Shutdown Mode, the supply
current drops below 1 µA, reducing power consumption.
PFM Mode can be disabled if fixed frequency is desired.
The FAN53528 is available in a 15-bump, 1.310 mm x
2.015 mm, 0.4 mm ball pitch WLCSP.
FAN53528
SW
COUT1,2
L1
PVIN
PGND
CIN
VOUT
AGND
LOAD
VSEL
SCL
SDA
EN
CIN_LOAD
CBY
Figure 1.
Typical Application
All trademarks are the property of their respective owners.
Ordering Information
Part Number
Power-Up Defaults
EN Delay
Temperature
Range
Package
Packing
Method
Device
Marking
VSEL0
VSEL1
FAN53528BUC08X
0.4
0.6
No
-40 to 85°C
WLCSP
Tape & Reel
FX
FAN53528DUC40X
0.6
0.9
No
FY
FAN53528GUC48X
0.65
0.7
No
FZ
FAN53528EUC48X
0.65
0.7
5ms
FW


Similar Part No. - FAN53528BUC08X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
ON Semiconductor
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN53525UC48X FAIRCHILD-FAN53525UC48X Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
ON Semiconductor
FAN53525UC48X ONSEMI-FAN53525UC48X Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN53525UC96X FAIRCHILD-FAN53525UC96X Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
More results

Similar Description - FAN53528BUC08X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
   3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
FAN53527 ONSEMI-FAN53527 Datasheet
690Kb / 21P
   Buck Regulator, 3.0 A
December, 2019 ??Rev. 0
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
logo
Allegro MicroSystems
ARG81801 ALLEGRO-ARG81801 Datasheet
2Mb / 31P
   Wide Input Voltage, 2.4 MHz, 3.0 A Asynchronous Buck Regulator with Sleep Mode, External Synchronization, and POK Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com