Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53526 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FAN53526
Description  3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53526 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FAN53526_17 Datasheet HTML 9Page - ON Semiconductor FAN53526_17 Datasheet HTML 10Page - ON Semiconductor FAN53526_17 Datasheet HTML 11Page - ON Semiconductor FAN53526_17 Datasheet HTML 12Page - ON Semiconductor FAN53526_17 Datasheet HTML 13Page - ON Semiconductor FAN53526_17 Datasheet HTML 14Page - ON Semiconductor FAN53526_17 Datasheet HTML 15Page - ON Semiconductor FAN53526_17 Datasheet HTML 16Page - ON Semiconductor FAN53526_17 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
FAN53526
www.onsemi.com
13
this point, the high−side switch turns off, preventing high
currents from causing damage. 16 consecutive current limit
cycles in current limit
, cause the regulator to shut down and
stay off for about 1700
ms before attempting a restart.
Thermal Shutdown
When the die temperature increases, due to a high load
condition and/or high ambient temperature, the output
switching is disabled until the die temperature falls
sufficiently. The junction temperature at which the thermal
shutdown activates is nominally 150
°C with a 17°C
hysteresis.
Monitor Register (Reg05)
The Monitor register indicates of the regulation state of
the IC. If the IC is enabled and is regulating, its value is
(1000 0001).
I2C Interface
The serial interface is compatible with Standard, Fast,
Fast Plus, and HS Mode I2C Bus
R specifications. The SCL
line is an input and its SDA line is a bi−directional
open−drain output; it can only pull down the bus when
active. The SDA line only pulls LOW during data reads and
when signaling ACK. All data is shifted in MSB (bit 7) first.
I2C Slave Address
In hex notation, the slave address assumes a 0 LS Bit. The
hex slave address is C0 for all options except
FAN53526UC168X, which has a hex slave address of C2.
Table 12. I2C SLAVE ADDRESS
Hex
Bits
7
6
5
4
3
2
1
0
C0
1
1
0
0
0
0
0
C2
1
1
0
0
0
0
1
Other slave addresses can be assigned. Contact an On
Semiconductor representative.
Bus Timing
As shown in Figure 18 data is normally transferred when
SCL is LOW. Data is clocked in on the rising edge of SCL.
Typically, data transitions shortly at or after the falling edge
of SCL to allow sufficient time for the data to set up before
the next SCL rising edge.
SCL
tSU
tH
SDA
Data change allowed
Figure 18. Data Transfer Timing
Each bus transaction begins and ends with SDA and SCL
HIGH. A transaction begins with a START condition, which
is defined as SDA transitioning from 1 to 0 with SCL HIGH,
as shown in Figure 19.
SCL
tHD;STA
SDA
Slave Address
MS Bit
Figure 19. START Bit
A transaction ends with a STOP condition, defined as
SDA transitioning from 0 to 1 with SCL high, as shown in
Figure 20.
SCL
SDA
Slave Releases
Master Drives
ACK(0) or
NACK(1)
t
HD;STO
Figure 20. STOP Bit
During a read from the FAN53526, the master issues a
REPEATED START after sending the register address and
before resending the slave address. The REPEATED
START is a 1 to 0 transition on SDA while SCL is HIGH, as
shown in Figure 21
.


Similar Part No. - FAN53526_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53526UC00X ONSEMI-FAN53526UC00X Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53526UC100X ONSEMI-FAN53526UC100X Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53526UC106X ONSEMI-FAN53526UC106X Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53526UC128X ONSEMI-FAN53526UC128X Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53526UC84X ONSEMI-FAN53526UC84X Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
More results

Similar Description - FAN53526_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53528 ONSEMI-FAN53528 Datasheet
553Kb / 4P
   3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Rev. 1.2
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
ON Semiconductor
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com