Electronic Components Datasheet Search |
|
FAN53526 Datasheet(PDF) 6 Page - ON Semiconductor |
|
FAN53526 Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 22 page FAN53526 www.onsemi.com 6 Table 8. ELECTRICAL CHARACTERISTICS Minimum and maximum values are at VIN=3.6 V, TA=-40°C to +85°C, unless otherwise noted. Typical values are at TA=25°C, VIN=3.6 V, and EN=HIGH. VOUT = 1.15625 V. Symbol Unit Max. Typ. Min. Condition Parameter Soft−Start tSS Regulator Enable to Regulated VOUT RLOAD > 5W, VOUT=1.15625V, From EN Rising Edge to 95% VOUT 150 ms 5. Monotonicity assured by design. Table 9. I2C TIMING SPECIFICATIONS Minimum and maximum values are at VIN=3.6 V, TA=-40°C to +85°C, unless otherwise noted. Typical values are at TA=25°C, VIN=3.6 V, and EN=HIGH. VOUT = 1.15625 V. Symbol Parameter Condition Min. Typ. Max. Unit Power Supplies fSCL SCL Clock Frequency Standard Mode 100 kHz Fast Mode 400 Fast Mode Plus 1000 High−Speed Mode, CB ≤ 100 pF 3400 High−Speed Mode, CB ≤ 400 pF 1700 tBUF Bus−Free Time between STOP and START Conditions Standard Mode 4.7 ms Fast Mode 1.3 Fast Mode Plus 0.5 tHD;STA START or REPEATED START Hold Time Standard Mode 4 ms Fast Mode 600 ns Fast Mode Plus 260 High−Speed Mode 160 tLOW SCL LOW Period Standard Mode 4.7 ms Fast Mode 1.3 Fast Mode Plus 0.5 High−Speed Mode, CB ≤ 100 pF 160 ns High−Speed Mode, CB ≤ 400 pF 320 tHIGH SCL HIGH Period Standard Mode 4 ms Fast Mode 600 ns Fast Mode Plus 260 High−Speed Mode, CB ≤ 100 pF 60 High−Speed Mode, CB ≤ 400 pF 120 tSU;STA Repeated START Setup Time Standard Mode 4.7 ms Fast Mode 600 ns Fast Mode Plus 260 High−Speed Mode 160 |
Similar Part No. - FAN53526_17 |
|
Similar Description - FAN53526_17 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |