Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5362UMP33X Datasheet(PDF) 6 Page - ON Semiconductor

Part # FAN5362UMP33X
Description  3MHz, 500mA / 750mA Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN5362UMP33X Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FAN5362UMP33X Datasheet HTML 2Page - ON Semiconductor FAN5362UMP33X Datasheet HTML 3Page - ON Semiconductor FAN5362UMP33X Datasheet HTML 4Page - ON Semiconductor FAN5362UMP33X Datasheet HTML 5Page - ON Semiconductor FAN5362UMP33X Datasheet HTML 6Page - ON Semiconductor FAN5362UMP33X Datasheet HTML 7Page - ON Semiconductor FAN5362UMP33X Datasheet HTML 8Page - ON Semiconductor FAN5362UMP33X Datasheet HTML 9Page - ON Semiconductor FAN5362UMP33X Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5362 • Rev. 1.0.5
5
Typical Characteristics
Unless otherwise noted, VIN=VEN=3.6V,VMODE=0 (AUTO), VOUT=2.9V, COUT=10µF, and TA=25°C.
80%
82%
84%
86%
88%
90%
92%
94%
96%
98%
100%
1
10
100
1000
I LOAD Output Current (mA)
VIN = 3.2, Mode=0
VIN = 3.6, Mode=0
VIN = 4.2, Mode=0
VIN = 3.2, Mode=1
VIN = 3.6, Mode=1
VIN = 4.2, Mode=1
2.885
2.890
2.895
2.900
2.905
2.910
-
100
200
300
400
500
I LOAD Output Current (mA)
Auto 3.6VIN
Auto 3.2VIN
Figure 5. Efficiency vs. Load Current and Input Supply
Figure 6. Load Regulation
0
10
20
30
40
50
60
70
80
90
0
100
200
300
400
500
Load current (mA)
3.2VIN_Auto
3.6VIN_AUTO
0
500
1000
1500
2000
2500
3000
3500
0
50
100
150
200
250
300
350
400
450
500
Load Current(mA)
3.2VIN_AUTO
3.6VIN_AUTO
3.6VIN_FPWM
3.2VIN_FPWM
Figure 7. Ripple
Figure 8. Effect of tOFF(MIN) on Reducing Switching
Frequency
0
50
100
150
200
250
300
350
400
450
500
33.544.555.5
Input Voltage(V)
100
%
d.c
.
Always PWM
Always PFM
Hysteresis
600
700
800
900
1000
1100
1200
1300
2.53.0
3.54.0
4.55.0
5.5
Input Voltage (V)
‐40C
+25C
+85C
Figure 9. PFM / PWM Boundaries
Figure 10. Peak Inductor Current


Similar Part No. - FAN5362UMP33X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5362UMP33X FAIRCHILD-FAN5362UMP33X Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
More results

Similar Description - FAN5362UMP33X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354_11 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com