Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5362UMP29X Datasheet(PDF) 5 Page - ON Semiconductor

Part # FAN5362UMP29X
Description  3MHz, 500mA / 750mA Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN5362UMP29X Datasheet(HTML) 5 Page - ON Semiconductor

  FAN5362UMP29X Datasheet HTML 1Page - ON Semiconductor FAN5362UMP29X Datasheet HTML 2Page - ON Semiconductor FAN5362UMP29X Datasheet HTML 3Page - ON Semiconductor FAN5362UMP29X Datasheet HTML 4Page - ON Semiconductor FAN5362UMP29X Datasheet HTML 5Page - ON Semiconductor FAN5362UMP29X Datasheet HTML 6Page - ON Semiconductor FAN5362UMP29X Datasheet HTML 7Page - ON Semiconductor FAN5362UMP29X Datasheet HTML 8Page - ON Semiconductor FAN5362UMP29X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5362 • Rev. 1.0.5
4
Electrical Characteristics
Minimum and maximum values are at VIN = VEN = 2.7V to 5.5V, VMODE = 0V (AUTO Mode), TA = -40°C to +85°C; circuit of
Figure 1, unless otherwise noted. Typical values are at TA = 25°C, VIN = VEN = 3.6V, VMODE = 0V, COUT=10µF.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power Supplies
IQ
Quiescent Current
No Load, Not Switching, VIN > 3V
45
75
µA
PWM Mode
5
mA
I(SD)
Shutdown Supply Current
EN = GND
0.05
1.00
µA
VUVLO
Under-Voltage Lockout
Threshold
Rising VIN
2.5
2.6
V
VUVHYST
Under-Voltage Lockout
Hysteresis
175
mV
V(ENH)
Enable HIGH-Level Input Voltage
1.05
V
V(ENL)
Enable LOW-Level Input Voltage
0.4
V
I(EN)
Enable Input Leakage Current
EN to VIN or GND
0.01
1.00
µA
V(MH)
MODE HIGH-Level Input Voltage
1.05
V
V(ML)
MODE LOW-Level Input Voltage
0.4
V
I(M)
MODE Input Leakage Current
MODE to VIN or GND
0.01
1.00
µA
Switching and Synchronization
fSW
Switching Frequency
(5)
VIN = 3.6V, TA = 25°C
2.7
3.0
3.3
MHz
fSYNC
MODE Synchronization Range
(5)
Square Wave at MODE Input
1.3
1.5
1.7
MHz
Regulation
VO
Output Voltage
Accuracy
2.10V
ILOAD = 0 to 750mA
2.037
(-3%)
2.100
2.163
(+3%)
V
2.50V
ILOAD = 0 to 400mA, VIN ≥ VOUT +
200mV
2.375
(-5%)
2.500
2.575
(+3%)
ILOAD = 0 to 500mA, VIN ≥ VOUT +
300mV
2.425
(-3%)
2.500
2.575
(+3%)
2.70V, 2.90V,
3.30V
ILOAD = 0 to 400mA, VIN ≥ VOUT +
150mV
-5%
+3%
ILOAD = 0 to 500mA, VIN ≥ VOUT +
300mV
-3%
+3%
tSS
Soft-Start
From EN Rising Edge
180
300
µs
Output Driver
RDS(on)
PMOS On Resistance
VIN = VGS = 3.6V
330
m
NMOS On Resistance
VIN = VGS = 3.6V
300
m
ILIM(OL)
PMOS Peak Current Limit
(5)
VOUT = 2.1V
1375
mA
VOUT = 2.5V, 2.7V, 2.9V, 3.3V
800
1000
1150
mA
TTSD
Thermal Shutdown
150
°C
THYS
Thermal Shutdown Hysteresis
15
°C
Notes:
5.
Limited by the effect of tOFF minimum (see Figure 8 in Typical Performance Characteristics).
6.
The Electrical Characteristics table reflects open-loop data. Refer to the Operation Description and Typical Characteristics
for closed-loop data.


Similar Part No. - FAN5362UMP29X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5362UMP29X FAIRCHILD-FAN5362UMP29X Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
More results

Similar Description - FAN5362UMP29X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354_11 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com