Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53202 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FAN53202
Description  5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53202 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FAN53202 Datasheet HTML 3Page - ON Semiconductor FAN53202 Datasheet HTML 4Page - ON Semiconductor FAN53202 Datasheet HTML 5Page - ON Semiconductor FAN53202 Datasheet HTML 6Page - ON Semiconductor FAN53202 Datasheet HTML 7Page - ON Semiconductor FAN53202 Datasheet HTML 8Page - ON Semiconductor FAN53202 Datasheet HTML 9Page - ON Semiconductor FAN53202 Datasheet HTML 10Page - ON Semiconductor FAN53202 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53202 • Rev. 1.0
6
Typical Characteristics
Unless otherwise specified, VIN = 3.6 V, VOUT = 1.15 V, VEN = 1.8 V, TA = 25°C; circuit and components according to
Figure 1.
Figure 3.
Efficiency vs. Load Current and Input
Voltage
Figure 4.
Efficiency vs. Load Current and
Temperature
Figure 5.
Output Regulation vs. Load Current and
Input Voltage, VOUT=0.85 V
Figure 6.
Output Regulation vs. Load Current and
Input Voltage, VOUT=1.15 V
Figure 7.
PFM Entry / Exit Level vs. Input Voltage,
VOUT=0.85 V
Figure 8.
PFM Entry / Exit Level vs. Input Voltage,
VOUT=1.15 V
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
1
10
100
1000
Output Current (mA)
2.7 Vin
3.6 Vin
4.2 Vin
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
1
10
100
1000
Output Current (mA)
-40℃
25℃
85℃
0.845
0.85
0.855
0.86
0.865
0.87
0.875
0
1000
2000
3000
4000
5000
Output Current (mA)
2.7 Vin
3.6 Vin
4.2 Vin
1.145
1.15
1.155
1.16
1.165
1.17
1.175
1.18
1.185
0
1000
2000
3000
4000
5000
Output Current (mA)
2.7 Vin
3.6 Vin
4.2 Vin
200
300
400
500
600
700
800
900
1000
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
PFM Exit
PFM Enter
200
300
400
500
600
700
800
900
1000
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
PFM Exit
PFM Enter


Similar Part No. - FAN53202

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53200UC35X ONSEMI-FAN53200UC35X Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53200UC44X ONSEMI-FAN53200UC44X Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
More results

Similar Description - FAN53202

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
   3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN53528 ONSEMI-FAN53528 Datasheet
553Kb / 4P
   3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Rev. 1.2
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
ON Semiconductor
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com