Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5361UMP182X Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN5361UMP182X
Description  6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN5361UMP182X Datasheet(HTML) 2 Page - ON Semiconductor

  FAN5361UMP182X Datasheet HTML 1Page - ON Semiconductor FAN5361UMP182X Datasheet HTML 2Page - ON Semiconductor FAN5361UMP182X Datasheet HTML 3Page - ON Semiconductor FAN5361UMP182X Datasheet HTML 4Page - ON Semiconductor FAN5361UMP182X Datasheet HTML 5Page - ON Semiconductor FAN5361UMP182X Datasheet HTML 6Page - ON Semiconductor FAN5361UMP182X Datasheet HTML 7Page - ON Semiconductor FAN5361UMP182X Datasheet HTML 8Page - ON Semiconductor FAN5361UMP182X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.onsemi.com
2
Ordering Information
Part Number
Output
Voltage
(1)
Package
Temperature Range
Packing
FAN5361UC123X
1.233 V
WLCSP-6, 0.4 mm Pitch
–40 to +85°C
Tape and Reel
FAN5361UC182X
1.820 V
FAN5361UC19X
1.900 V
FAN5361UMP123 X
1.233 V
6-Lead, 2 x 2 mm UMLP
FAN5361UMP15X
1.500 V
FAN5361UMP182 X
1.820 V
Note:
1.
Other voltage options available on request. Contact a ON Semiconductor representative.
Pin Configurations
C1
B1
A1
C2
B2
A2
MODE
SW
FB
VIN
EN
GND
C1
B1
A1
C2
B2
A2
MODE
SW
FB
VIN
EN
GND
Figure 2.
WLCSP, Bum ps Facing Dow n
Figure 3.
WLCSP, Bum ps Facing Up
FB
EN
VIN
MODE
GND
P1
(GND)
6
5
4
1
2
3
SW
Figure 4.
UMLP, Leads Facing Dow n
Pin Definitions
Pin #
Name
Description
WLCSP UMLP
A1
3
MODE
MODE. Logic 1 on this pin forces the IC to stay in PWM mode. A logic 0 allow s the IC to
automatically sw itch to PFM during light loads. The regulator also synchronizes its sw itching
frequency to four times the frequency provided on this pin. Do not leave this pin floating. When
tying HIGH, use at least 1kΩ series resistor if VIN is expected to exceed 4.5 V.
B1
2
SW
Sw itching Node . Connect to output inductor.
C1
1
FB
Feedback / VOUT. Connect to output voltage.
C2
6
GND
Ground. Pow er and IC ground. All signals are referenced to this pin.
B2
5
EN
Enable. The device is in shutdow n mode w hen voltage to this pin is <0.4 V and enabled w hen
>1.2 V. Do not leave this pin floating. When tying HIGH, use at least 1
kΩ series resistor if VIN is
expected to exceed 4.5 V.
A2
4
VIN
Input Voltage . Connect to input pow er source.


Similar Part No. - FAN5361UMP182X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5361UMP18X FAIRCHILD-FAN5361UMP18X Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
More results

Similar Description - FAN5361UMP182X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53601 FAIRCHILD-FAN53601 Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
logo
Analog Devices
ADP3088 AD-ADP3088 Datasheet
623Kb / 11P
   1 MHz, 750 mA Buck Regulator
REV. PrK 3/28/02
ADP3088ARM-REEL7 AD-ADP3088ARM-REEL7 Datasheet
759Kb / 16P
   1 MHz, 750 mA Buck Regulator
REV. C
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
   1 MHz, 750 mA Buck Regulator
REV. C
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
   Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com