Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5909UCX Datasheet(PDF) 5 Page - ON Semiconductor

Part # FAN5909UCX
Description  Multi-Mode Buck Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN5909UCX Datasheet(HTML) 5 Page - ON Semiconductor

  FAN5909UCX Datasheet HTML 1Page - ON Semiconductor FAN5909UCX Datasheet HTML 2Page - ON Semiconductor FAN5909UCX Datasheet HTML 3Page - ON Semiconductor FAN5909UCX Datasheet HTML 4Page - ON Semiconductor FAN5909UCX Datasheet HTML 5Page - ON Semiconductor FAN5909UCX Datasheet HTML 6Page - ON Semiconductor FAN5909UCX Datasheet HTML 7Page - ON Semiconductor FAN5909UCX Datasheet HTML 8Page - ON Semiconductor FAN5909UCX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FAN5909
www.onsemi.com
5
Table 4. ELECTRICAL CHARACTERISTICS, ALL MODES Recommended operating conditions, unless otherwise noted, circuit
per Figure 1, VIN = 2.7 V to 5.5 V, TA = −40°C to +85°C. Typical values are given VIN = 3.8 V at TA = 25°C. L = 1 mH, Toko DFE201610C,
CIN = 10 mF 0402 TDK C1005X5R0J106MT, COUT = 3 x 4.7 mF 0402 TDK C1005X5R0J475KT.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
POWER SUPPLIES
VIN
Input Voltage Range
IOUT ≤ 2.5 A
2.7
5.5
V
ISD
Shutdown Supply Current
EN = 0 V, MODE = 0
0.5
3.0
mA
VUVLO
Under Voltage Lockout Threshold
VIN Rising
2.20
2.45
2.60
V
Hysteresis
250
mV
LOGIC CONTROL
VIH
Logic Threshold Voltage;
EN, BPEN, MODE
Input HIGH Threshold
1.2
V
VIL
Input LOW Threshold
0.4
V
ICTRL
Logic Control Input Bias Current;
EN, BPEN, MODE
VIN or GND
0.01
1.00
mA
ANALOG CONTROL
VCON_LDO_EN1 VCON Forced Bypass Enter (Note 6)
VCON Voltage that Forces Bypass;
VIN = 4.0 V – 4.75 V
1.6
V
VCON_LDO_EN2 VCON Forced Bypass Enter (Note 6)
VCON Voltage that Forces Bypass;
VIN ≈ VOUT
VIN/2.5
V
VCON_LDO_EX
VCON Forced Bypass Exit
VCON Voltage that Exits Forced By-
pass; VIN = 2.70 V – 4.75 V
1.4
V
Vcon_SL_en
Vcon Sleep Enter
VCON Voltage Forcing Low IQ Sleep
Mode
70
mV
Vcon_SL_ex
Vcon Sleep Exit
VCON Voltage that Exits SLEEP Mode
125
mV
IQ
DC−DC Quiescent Current in Sleep Mode
VCON < 70 mV
50
80
mA
Gain
Gain in Control Range 0.16 V to 1.44 V
2.5
VOUT_ACC
VOUT Accuracy
Ideal = 2.5 x VCON
−50
+50
mV
LDO
RFET
LDO FET Resistance
29
m
W
ΔVOUT_LDO
LDO Dropout (Note 7)
IOUT = 2.0 A
100
mV
OVER TEMPERATURE PROTECTION
TOTP
Over−Temperature Protection
Rising Temperature
+150
°C
Hysteresis
+20
°C
OSCILLATOR
fSW
Average Oscillator Frequency
2.6
2.9
3.2
MHz
DC−DC
RDSON
PMOS On Resistance
VIN = VGS = 3.7 V
80
m
W
NMOS On Resistance
VIN = VGS = 3.7 V
60
ILIMp
P−Channel Current Limit (Note 8)
1.50
1.90
2.30
A
ILIMn
N−Channel Current Limit (Note 8)
1.50
1.90
2.30
A
IDischarge
Maximum Transient Discharge Current
3.7
4.5
A
ILIMLDO
LDO Current Limit
4.5
A
6. Input voltages nominally exceeding the lesser of VIN/2.5 or 1.6 V force 100% duty cycle.
7. Dropout depends on LDO and DC−DC PFET RDSON and inductor DCR.
8. The current limit is the peak (maximum) current.
9. Guaranteed by design. Maximum values are based on simulation results with 50% COUT derating; not tested in production. Voltage tran-
sient only. Assumes COUT = 3 x 4.7 mF (1x4.7 mF for regulator and 2x4.7 mF for PA decoupling capacitors).
10. Protects part under short−circuit conditions


Similar Part No. - FAN5909UCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5902 FAIRCHILD-FAN5902 Datasheet
397Kb / 8P
   800mA Buck Converter for 3G RFPAs
FAN5902MPX FAIRCHILD-FAN5902MPX Datasheet
397Kb / 8P
   800mA Buck Converter for 3G RFPAs
FAN5902UCX FAIRCHILD-FAN5902UCX Datasheet
397Kb / 8P
   800mA Buck Converter for 3G RFPAs
FAN5903 FAIRCHILD-FAN5903 Datasheet
409Kb / 3P
   Buck Converter with Bypass Mode for 3 G / 3.5 G / 4 G PAs
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
   Buck Converter with Bypass Mode
Rev. 1.0.9
More results

Similar Description - FAN5909UCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5904 ONSEMI-FAN5904 Datasheet
2Mb / 25P
   Multi-Mode Buck Converter
Rev. 3.0.7
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
   Multi-Phase Interleaved Buck Converter
logo
Richtek Technology Corp...
DS8409 RICHTEK-DS8409 Datasheet
175Kb / 11P
   Green Mode Buck Converter
RT8409 RICHTEK-RT8409 Datasheet
175Kb / 11P
   Green Mode Buck Converter
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
   Current Mode Buck-Boost Converter
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
   Buck Converter with Bypass Mode
Rev. 1.0.9
logo
Fairchild Semiconductor
FAN5904 FAIRCHILD-FAN5904 Datasheet
1Mb / 3P
   Multi-Mode Buck Converter for GSM/EDGE, 3G/3.5G and 4G PAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com