Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5904UC01X Datasheet(PDF) 10 Page - ON Semiconductor

Part # FAN5904UC01X
Description  Multi-Mode Buck Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN5904UC01X Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FAN5904UC01X Datasheet HTML 6Page - ON Semiconductor FAN5904UC01X Datasheet HTML 7Page - ON Semiconductor FAN5904UC01X Datasheet HTML 8Page - ON Semiconductor FAN5904UC01X Datasheet HTML 9Page - ON Semiconductor FAN5904UC01X Datasheet HTML 10Page - ON Semiconductor FAN5904UC01X Datasheet HTML 11Page - ON Semiconductor FAN5904UC01X Datasheet HTML 12Page - ON Semiconductor FAN5904UC01X Datasheet HTML 13Page - ON Semiconductor FAN5904UC01X Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5904 • Rev. 3.0.7
9
Typical Characteristics
Unless otherwise noted, VIN = EN = 3.7 V, L = 1.0 µH, COUT = 2 x 4.7 µF, and TA = +25°C.
40%
50%
60%
70%
80%
90%
100%
0
100
200
300
400
500
Output Current (mA)
VIN = 2.7V
VIN = 3.7V
VIN = 4.2V
VIN = 5.5V
40%
50%
60%
70%
80%
90%
100%
012
34
Output Voltage (V)
VIN = 2.7V
VIN = 3.7V
VIN = 4.2V
VIN = 5.5V
Figure 11. Low-Power Auto Mode Efficiency vs. Output
Current vs. Input Voltage, fSW = 6 MHz, RPA = 7.0
Ω
Figure 12. Low-Power Auto Mode Efficiency vs. Output
Voltage vs. Input Voltage, fSW = 6 MHz, RPA = 7.0
Ω
40%
50%
60%
70%
80%
90%
100%
0
100
200
300
400
Output Current (mA)
VIN = 2.7V
VIN = 3.7V
VIN = 4.2V
VIN = 5.5V
40%
50%
60%
70%
80%
90%
100%
0.0
1.0
2.0
3.0
4.0
Output Voltage (V)
VIN = 2.7V
VIN = 3.7V
VIN = 4.2V
VIN = 5.5V
Figure 13. Low-Power Auto Mode Efficiency vs. Output
Current vs. Input Voltage, fSW = 6 MHz, RPA = 10.0
Ω
Figure 14. Low-Power Auto Mode Efficiency vs. Output
Voltage vs. Input Voltage, fSW = 6 MHz, RPA = 10.0
Ω
Figure 15. Shutdown Current vs. Input Voltage
vs. Temperature
0.25
0.75
1.25
1.75
2.25
2.75
3.25
2.53.0
3.54.0
4.55.0
5.56.0
Input Voltage (V)
-40°C
+25°C
+85°C


Similar Part No. - FAN5904UC01X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5904 FAIRCHILD-FAN5904 Datasheet
1Mb / 3P
   Multi-Mode Buck Converter for GSM/EDGE, 3G/3.5G and 4G PAs
More results

Similar Description - FAN5904UC01X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5909 ONSEMI-FAN5909 Datasheet
665Kb / 15P
   Multi-Mode Buck Converter
November, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
   Multi-Phase Interleaved Buck Converter
logo
Richtek Technology Corp...
DS8409 RICHTEK-DS8409 Datasheet
175Kb / 11P
   Green Mode Buck Converter
RT8409 RICHTEK-RT8409 Datasheet
175Kb / 11P
   Green Mode Buck Converter
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
   Current Mode Buck-Boost Converter
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
   Buck Converter with Bypass Mode
Rev. 1.0.9
logo
Fairchild Semiconductor
FAN5904 FAIRCHILD-FAN5904 Datasheet
1Mb / 3P
   Multi-Mode Buck Converter for GSM/EDGE, 3G/3.5G and 4G PAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com