Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5362UC25X Datasheet(PDF) 4 Page - ON Semiconductor

Part # FAN5362UC25X
Description  3MHz, 500mA / 750mA Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN5362UC25X Datasheet(HTML) 4 Page - ON Semiconductor

  FAN5362UC25X Datasheet HTML 1Page - ON Semiconductor FAN5362UC25X Datasheet HTML 2Page - ON Semiconductor FAN5362UC25X Datasheet HTML 3Page - ON Semiconductor FAN5362UC25X Datasheet HTML 4Page - ON Semiconductor FAN5362UC25X Datasheet HTML 5Page - ON Semiconductor FAN5362UC25X Datasheet HTML 6Page - ON Semiconductor FAN5362UC25X Datasheet HTML 7Page - ON Semiconductor FAN5362UC25X Datasheet HTML 8Page - ON Semiconductor FAN5362UC25X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5362 • Rev. 1.0.5
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable
above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition,
extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute
maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VIN
Input Voltage
–0.3
6.5
V
VSW
Voltage on SW Pin
–0.3
VIN + 0.3
(3)
V
VCTRL
EN and MODE Pin Voltage
–0.3
VIN + 0.3
(3)
V
VFB
FB Pin
–0.3
4
V
ESD
Electrostatic Discharge
Protection Level
Human Body Model per JESD22-A114
3.0
kV
Charged Device Model per JESD22-C101
1.5
TJ
Junction Temperature
–40
+150
°C
TSTG
Storage Temperature
–65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Note:
3.
Lesser of 6.5V or VIN+0.3V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend
exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage Range
2.7
(4)
5.5
V
IOUT
Output Current for 2.1V
0
750
mA
Output Current for 2.5V, 2.7V, 2.9V, 3.3V
0
500
L
Inductor
1
µH
CIN
Input Capacitor
2.2
µF
COUT
Output Capacitor
10
24
μF
TA
Operating Ambient Temperature
–40
+85
°C
TJ
Operating Junction Temperature
–40
+125
°C
Note:
4.
Minimum VIN = VOUT + 200mV or 2.7V, whichever is greater.
Thermal Properties
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with four-layer
1s2p boards in accordance to JEDEC standard JESD51. Special attention must be paid not to exceed junction temperature
TJ(max) at a given ambient temperature TA.
Symbol
Parameter
Typical
Unit
JA
Junction-to-Ambient Thermal Resistance
WLSCP
150
°C/W
UMLP
49


Similar Part No. - FAN5362UC25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5362UC25X FAIRCHILD-FAN5362UC25X Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
More results

Similar Description - FAN5362UC25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354_11 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com