Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5361UC19X Datasheet(PDF) 3 Page - ON Semiconductor

Part # FAN5361UC19X
Description  6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN5361UC19X Datasheet(HTML) 3 Page - ON Semiconductor

  FAN5361UC19X Datasheet HTML 1Page - ON Semiconductor FAN5361UC19X Datasheet HTML 2Page - ON Semiconductor FAN5361UC19X Datasheet HTML 3Page - ON Semiconductor FAN5361UC19X Datasheet HTML 4Page - ON Semiconductor FAN5361UC19X Datasheet HTML 5Page - ON Semiconductor FAN5361UC19X Datasheet HTML 6Page - ON Semiconductor FAN5361UC19X Datasheet HTML 7Page - ON Semiconductor FAN5361UC19X Datasheet HTML 8Page - ON Semiconductor FAN5361UC19X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.onsemi.com
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above
the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended
exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings
are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VIN
Input Voltage
–0.3
7.0
V
VSW
Voltage on SW Pin
–0.3
VIN + 0.3
(2)
V
VCTRL
EN and MODE Pin Voltage
–0.3
VIN + 0.3
(2)
V
Other Pins
–0.3
VIN + 0.3
(2)
V
ESD
Electrostatic Discharge
Protection Level
Human Body Model per JESD22-A114
4.0
kV
Charged Device Model per JESD22-C101
1.5
TJ
Junction Temperature
–40
+150
°C
TSTG
Storage Temperature
–65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Note:
2.
Lesser of 7 V or VIN+0.3 V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. ON Semiconductor does not recommend
exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage Range
2.3
5.5
V
IOUT
Output Current
0
600
mA
L
Inductor
0.47
µH
CIN
Input Capacitor
2.2
µF
COUT
Output Capacitor
1.6
4.7
12.0
µF
TA
Operating Ambient Temperature
–40
+85
°C
TJ
Operating Junction Temperature
–40
+125
°C
Thermal Properties
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured w ith four -layer 1s2p
boards in accordance to JEDEC standard JESD51. Special attention must be paid not to exceed junction temperature TJ(max) at a
given ambient temperate TA.
Symbol
Parameter
Typical
Unit
JA
Junction-to-Ambient Thermal Resistance
WLCSP
150
°C/W
UMLP
49
°C/W


Similar Part No. - FAN5361UC19X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5361UC10X FAIRCHILD-FAN5361UC10X Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
FAN5361UC12X FAIRCHILD-FAN5361UC12X Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
FAN5361UC13X FAIRCHILD-FAN5361UC13X Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
FAN5361UC15X FAIRCHILD-FAN5361UC15X Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
FAN5361UC182X FAIRCHILD-FAN5361UC182X Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
More results

Similar Description - FAN5361UC19X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53601 FAIRCHILD-FAN53601 Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
logo
Analog Devices
ADP3088 AD-ADP3088 Datasheet
623Kb / 11P
   1 MHz, 750 mA Buck Regulator
REV. PrK 3/28/02
ADP3088ARM-REEL7 AD-ADP3088ARM-REEL7 Datasheet
759Kb / 16P
   1 MHz, 750 mA Buck Regulator
REV. C
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
   1 MHz, 750 mA Buck Regulator
REV. C
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
   Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com