Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5361UC123X Datasheet(PDF) 4 Page - ON Semiconductor

Part # FAN5361UC123X
Description  6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN5361UC123X Datasheet(HTML) 4 Page - ON Semiconductor

  FAN5361UC123X Datasheet HTML 1Page - ON Semiconductor FAN5361UC123X Datasheet HTML 2Page - ON Semiconductor FAN5361UC123X Datasheet HTML 3Page - ON Semiconductor FAN5361UC123X Datasheet HTML 4Page - ON Semiconductor FAN5361UC123X Datasheet HTML 5Page - ON Semiconductor FAN5361UC123X Datasheet HTML 6Page - ON Semiconductor FAN5361UC123X Datasheet HTML 7Page - ON Semiconductor FAN5361UC123X Datasheet HTML 8Page - ON Semiconductor FAN5361UC123X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.onsemi.com
4
Electrical Characteristics
Minimum and maximum values are at V IN = VEN = 2.3V to 5.5V, VMODE = 0V (AUTO Mode), TA = -40°C to +85°C; circuit of
Figure 1, unless otherw ise noted. Typical values are at TA = 25°C, VIN = VEN = 3.6 V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Pow er Supplies
IQ
Quiescent Current
No Load, Not Sw itching
35
55
µA
PWM Mode
6
mA
I(SD)
Shutdow n Supply Current
VIN = 3.6 V, EN = GND
0.05
1.00
µA
VUVLO
Under-Voltage Lockout Threshold
Rising VIN
2.15
2.25
V
VUVHYST
Under-Voltage Lockout Hysteresis
150
mV
Logic Inputs: EN and MODE Pins
VIH
Enable HIGH-Level Input Voltage
1.2
V
VIL
Enable LOW-Level Input Voltage
0.4
V
VLHYST
Logic Input Hysteresis Voltage
100
mV
IIN
Enable Input Leakage Current
Pin to VIN or GND
0.01
1.00
µA
Sw itching and Synchronization
fSW
Sw itching Frequency
(3)
VIN = 3.6 V, TA = 25°C
5.4
6.0
6.6
MHz
fSYNC
MODE Synchronization Range
(3)
Square Wave at MODE Input
1.3
1.5
1.7
MHz
Regulation
VO
Output Voltage
Accuracy
1.900 V
ILOAD = 0 to 750 mA
(4)
1.832
1.900
1.957
V
PWM Mode
(4)
1.832
1.900
1.938
1.820 V
ILOAD = 0 to 600 mA
1.784
1.820
1.875
PWM Mode
1.784
1.820
1.856
1.500 V
ILOAD = 0 to 600 mA
1.470
1.500
1.545
PWM Mode
1.470
1.500
1.530
1.233 V
ILOAD = 0 to 600 mA
1.207
1.233
1.272
PWM Mode
1.207
1.233
1.259
tSS
Soft-Start
From EN Rising Edge
180
300
µs
Output Driver
RDS(on)
PMOS On Resistance
VIN = VGS = 3.6 V
350
m
NMOS On Resistance
VIN = VGS = 3.6 V
225
ILIM(OL)
PMOS Open-Loop Peak Current
Limit
(5)
VOUT = 1.233 V, 1.5 V, 1.82 V
900
1100
1250
mA
VOUT = 1.9 V
1180
1375
1550
TTSD
Thermal Shutdow n
CCM Only
150
°C
THYS
Thermal Shutdow n Hysteresis
15
°C
Notes:
3.
Limited by the effect of tOFF minimum (see Figure 14 and Figure 15 in Typical Performance Characteristics).
4.
Output voltage accuracy minimum: 1.862 V for VIN 2.7 to 5.5 V on 1.9 V option.
5.
Refer to Operation Description and Typical Characteristics for closed-loop data.


Similar Part No. - FAN5361UC123X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5361UC12X FAIRCHILD-FAN5361UC12X Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
More results

Similar Description - FAN5361UC123X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53601 FAIRCHILD-FAN53601 Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
logo
Analog Devices
ADP3088 AD-ADP3088 Datasheet
623Kb / 11P
   1 MHz, 750 mA Buck Regulator
REV. PrK 3/28/02
ADP3088ARM-REEL7 AD-ADP3088ARM-REEL7 Datasheet
759Kb / 16P
   1 MHz, 750 mA Buck Regulator
REV. C
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
   1 MHz, 750 mA Buck Regulator
REV. C
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
   Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com