Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5355 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FAN5355
Description  1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN5355 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FAN5355 Datasheet HTML 6Page - ON Semiconductor FAN5355 Datasheet HTML 7Page - ON Semiconductor FAN5355 Datasheet HTML 8Page - ON Semiconductor FAN5355 Datasheet HTML 9Page - ON Semiconductor FAN5355 Datasheet HTML 10Page - ON Semiconductor FAN5355 Datasheet HTML 11Page - ON Semiconductor FAN5355 Datasheet HTML 12Page - ON Semiconductor FAN5355 Datasheet HTML 13Page - ON Semiconductor FAN5355 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
© 2008 Fairchild Semiconductor Corporation
9
www.fairchildsemi.com
FAN5355 • Rev. 1.1.7
Timing Diagrams
START
REPEATED
START
SCL
SDA
t
F
t
HD;STA
t
LOW
t
R
t
HD;DAT
t
HIGH
T
SU;DAT
t
SU;STA
t
HD;STO
t
BUF
START
STOP
t
HD;STA
Figure 5. I
2C Interface Timing for Fast and Slow Modes
REPEATED
START
SCLH
SDAH
t
FDA
t
LOW
t
RCL1
t
HD;DAT
t
HIGH
t
SU;STO
REPEATED
START
t
RDA
t
FCL
t
SU;DAT
t
RCL
STOP
= MCS Current Source Pull-up
= R
P Resistor Pull-up
note A
Note A: First rising edge of SCLH after Repeated Start and after each ACK bit.
t
HD;STA
t
SU;STA
Figure 6. I
2C Interface Timing for High-Speed Mode


Similar Part No. - FAN5355

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355 Datasheet
1Mb / 27P
   1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
FAN5355 FAIRCHILD-FAN5355 Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53555BUC05X ONSEMI-FAN53555BUC05X Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53555BUC08X ONSEMI-FAN53555BUC08X Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
More results

Similar Description - FAN5355

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53528 ONSEMI-FAN53528 Datasheet
553Kb / 4P
   3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Rev. 1.2
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
   3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
logo
Analog Devices
ADP3089 AD-ADP3089 Datasheet
103Kb / 4P
   1 MHz, 1 A Buck Regulator
REV. PrE 8/26/02
logo
ON Semiconductor
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
   3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com