Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2973 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2973
Description  MOSFET N-Channel, Enhancement Mode High Speed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2973 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2973 Datasheet HTML 1Page - NTE Electronics NTE2973 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (Tch = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Capacitance
Ciss
VGS = 0V, VDS = 25V, f = 1MHz
2900
pF
Output Capacitance
Coss
290
pF
Reverse Transfer Capacitance
Crss
50
pF
Turn–On Delay Time
td(on)
VDD = 200V, ID = 7A, VGS = 10V,
45
ns
Rise Time
tr
RGEN = RGS = 50Ω
65
ns
Turn–Off Delay Time
td(off)
325
ns
Fall Time
tf
100
ns
Diode Forward Voltage
VSD
IS = 7A, VGS = 0V
1.0
1.5
V
.190 (4.82)
.126 (3.22) Dia
.215 (5.47)
GD
S
.615 (15.62)
.787
(20.0)
.787
(20.0)
.591
(15.02)


Similar Part No. - NTE2973

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE297 NTE-NTE297 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Audio Amplifier, Driver
NTE2970 NTE-NTE2970 Datasheet
21Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2971 NTE-NTE2971 Datasheet
21Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2972 NTE-NTE2972 Datasheet
21Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2974 NTE-NTE2974 Datasheet
25Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
More results

Similar Description - NTE2973

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2988 NTE-NTE2988 Datasheet
24Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2930 NTE-NTE2930 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2942 NTE-NTE2942 Datasheet
25Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2944 NTE-NTE2944 Datasheet
25Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2966 NTE-NTE2966 Datasheet
21Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2394 NTE-NTE2394 Datasheet
28Kb / 3P
   MOSFET N-Channel Enhancement Mode, High Speed Switch
NTE2931 NTE-NTE2931 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2933 NTE-NTE2933 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2936 NTE-NTE2936 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2943 NTE-NTE2943 Datasheet
26Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com